Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UPC2766GR Datasheet(PDF) 3 Page - NEC

Part No. UPC2766GR
Description  WIDE BAND IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

 
 3 page
background image
3
µPC2766GR/GS
Data Sheet P10193EJ4V0DS00
PIN FUNCTIONS
PIN No.
PIN NAME
PIN VOLTAGE
FUNCTION AND EXPLANATION
EQUIVALENT CIRCUIT
TYP. (V)
1
I Trim
4.2
Trimming pin for I-IF output.
2VCCIF I
5.0
Power supply pin for I-MIXER.
3VCCRF
5.0
Power supply pin for RF and AGC
block.
4
GND RF
0.0
Ground pin of RF and AGC block.
5
RFin
2.6
RF input pin. In case of single input,
6 pin should be grounded through
capacitor.
6
RFin
2.6
7
GND RF
0.0
Ground pin of RF and AGC block.
8VAGC
0 to 5
Gain control pin.
• VAGC = 0 V: Full gain
• VAGC = 5 V: Maximum reduction
9VCCIF Q
5.0
Power supply pin for Q-MIXER.
10
Q Trim
4.2
Trimming pin for Q-IF output.
1
VCC
5
6
To next
block
8
VCC
VCC
10




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPC3205GRIQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER 1 2 3 4 5 MoreNEC
SATURNCDMA/AMPS dual Band IF Receiver for Digital Phones 1 2 3 4 5 MoreMitel Networks Corporation
BH4126FVWide band IF detector for RF remote control units 1 2 3 4 5 MoreRohm
KA2507WIDE BAND ANALOG SWITCH FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
CXA3067MWide Band FSK Receiver 1 2 3 4 5 MoreSony Corporation
ZL10354Diversity Enabled Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV DTV 1 2 3 4 5 MoreZarlink Semiconductor Inc
UPC3207GRFREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER 1 2 3 4 5 MoreNEC
DRR1-23XXDigital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz 1 2 3 4 Agilent(Hewlett-Packard)
AK2125Receiver/ Demodulator for time code signals transmitted by the transmitter DCF77 Germany MSF UK or WWVB USA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TLP113Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl