Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1231ST23X400 Datasheet(PDF) 3 Page - YOBON TECHNOLOGIES,INC.

Part # YB1231ST23X400
Description  HV600mA, Low-Noise LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1231ST23X400 Datasheet(HTML) 3 Page - YOBON TECHNOLOGIES,INC.

  YB1231ST23X400 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1231ST23X400 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1231ST23X400 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1231ST23X400 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1231ST23X400 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1231ST23X400 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1231ST23X400 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1231ST23X400 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1231ST23X400 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
YB1231
HV600mA, Low-Noise LDO Regulator
YB1231 Rev.1.6
www.yobon.com.tw
3
Ordering Information
Marking Information
Absolute Maximum Ratings (Note 1)
Supply Voltage............................ -0.3V to 6V
Output Voltage ................ -0.3V to (VIN+0.3V)
Output Short-Circuit Duration..............Infinite
Junction Temperature Range............ +150℃
Storage Temperature Range...... -65℃ to +150℃
Lead Temperature............................. +250℃
Recommended Operating Conditions
(Note 2)
Input Supply Voltage............... 2.0V to 5.5V
Operating Temperature........-40℃ to +85℃
Thermal In formation
(Note 3)
Thermal Resistance (SOT-23/25,
θJA)... 280℃/W
Thermal Resistance (SOT-89,
θJA)......... 180℃/W
Internal Power Dissipation (SOT-23/25, PD).0.4W
Internal Power Dissipation (SOT-89, PD).....0.55W
Note:
1. Exceeding these ratings may damage the device.
2. The device is not guaranteed to function outside of its operating conditions.
3. θ
JA is measured in free air at T
A = 25℃ on a low effective thermal conductivity board.


Similar Part No. - YB1231ST23X400

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1231ST23X400 YOBON-YB1231ST23X400 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
More results

Similar Description - YB1231ST23X400

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5206 MICREL-MIC5206 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com