Electronic Components Datasheet Search |
|
HMA5101 Datasheet(PDF) 1 Page - Intersil Corporation |
|
HMA5101 Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 9 page 3-10 April 1997 HMA510/883 16 x 16-Bit CMOS Parallel Multiplier Accumulator Features • This Circuit is Processed in Accordance to MIL-STD- 883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1. • 16 x 16-Bit Parallel Multiplication with Accumulation to a 35-Bit Result • High-Speed (55ns) Multiply Accumulate Time • Low Power CMOS Operation -ICCSB = 500µA Maximum -ICCOP = 7.0mA Maximum at 1.0MHz • HMA510/883 is Compatible with the CY7C510 and the IDT7210 • Supports Two’s Complement or Unsigned Magnitude Operations • Three-State Outputs Description The HMA510/883 is a high speed, low power CMOS 16 x 16-bit parallel multiplier accumulator capable of operating at 55ns clocked multiply-accumulate cycles. The 16-bit X and Y operands may be specified as either two’s complement or unsigned magnitude format. Additional inputs are provided for the accumulator functions which include: loading the accumulator with the current product, adding or subtracting the accumulator contents and the current product, and pre- loading the Accumulator Registers from the external inputs. All inputs and outputs are registered. The registers are all positive edge triggered, and are latched on the rising edge of the associated clock signal. The 35-bit Accumulator Output Register is broken into three parts. The 16-bit least signifi- cant product (LSP), the 16-bit most significant product (MSP), and the 3-bit extended product (XTP) Registers. The XTP and MSP Registers have dedicated output ports, while the LSP Register shares the Y-inputs in a multiplexed fash- ion. The entire 35-bit Accumulator Output Register may be preloaded at any time through the use of the bidirectional output ports and the preloaded control. Block Diagram Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE PKG. NO. HMA510GM-55/883 -55 to 125 68 Ld CPGA G68.B HMA510GM-65/883 -55 to 125 68 Ld CPGA G68.B HMA510GM-75/883 -55 to 125 68 Ld CPGA G68.B REGISTER SUB ACC RND TC Y0-15 P0-15 16 16 X0-15 CLKY CLKX ACCUMULATOR XTP REGISTER MSP REGISTER LSP REGISTER PRELOAD CLKP 3 16 35 MULTIPLIER ARRAY 35 P32-34 16 P16-31 OEX OEM OEL REGISTER REGISTER File Number 2807.2 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999 |
Similar Part No. - HMA5101 |
|
Similar Description - HMA5101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |