Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAUMER_VLU_12C Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # BAUMER_VLU_12C
Description  USB 3.0, 1,2 Megapixel, Color
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

BAUMER_VLU_12C Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  BAUMER_VLU_12C Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VLU-12C
USB 3.0, 1,2 Megapixel, Color
Article number: 11129459
Industrial cameras
VLU-12C
1 / 1
www.baumer.com
page
Data sheet
Industrial cameras
VLU-12C
USB 3.0, 1,2 Megapixel, Color
Article number: 11129459
sensor information
sensor
SONY ICX445
type
1/3” progressive scan CCD, Exview HAD
technology
resolution
1288 × 960 px
exposure time
0,004 ... 60000 ms
pixel size
3.75 × 3.75 µm
acquisition formats
image formats,
frame rate max.
Full Frame, 1288 x 960 px, max. 42.0 fps
pixel formats
Mono 8
BayerRG8
BayerRG12
RGB8
BGR8
YUV411_8_UYYVYY
YUV422_8_UYVY
YUV8_UYV
image pre-processing
analog controls
Gain (0 … 29.5 dB)
Offset (0 … 1023 LSB 14 Bit)
color models
RGB
YUV
Mono
color processing
Integrated color processor for high quality color
calculation
interfaces and connectors
data interface
USB 3.0, Transfer Rate 5000 Mbits/sec,
Connector: USB 3.0 Micro B
process interface
M8 / 8 pins (SACC-DSI-M8FS-8CONM10-L180
SH)
power supply
via USB 3.0 interface
mechanical data
material
zinc die casting, nickel-plated, IP 40
lens mount
C-mount
mechanical data
width
33 mm
height
33 mm
depth
48 mm
weight
≤ 140 g
electrical data
power consumption approx. 2.9 W @ 42.0 fps
environmental conditions
operating
temperature
+5 … +50 °C
humidity
10 … 90 % (non-condensing)
protection class
IP 40
digital I/Os
lines
1 input line
3 output lines
dimension drawing


Similar Part No. - BAUMER_VLU_12C

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
BAUMER_VLU_12M IVO-BAUMER_VLU_12M Datasheet
339Kb / 1P
   USB 3.0, 1,2 Megapixel, Monochrome
More results

Similar Description - BAUMER_VLU_12C

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
BAUMER_VLU_12M IVO-BAUMER_VLU_12M Datasheet
339Kb / 1P
   USB 3.0, 1,2 Megapixel, Monochrome
BAUMER_VLG_12M IVO-BAUMER_VLG_12M Datasheet
358Kb / 1P
   Gigabit Ethernet, 1,2 Megapixel, Monochrome
logo
Leopard Imaging Inc.
LI-OV580-STEREO LEOPARD-LI-OV580-STEREO Datasheet
841Kb / 3P
   Color Stereo USB 3.0 camera
LI-OV580-OV9782ST LEOPARD-LI-OV580-OV9782ST Datasheet
1Mb / 4P
   Color Stereo USB 3.0 camera
logo
Baumer IVO GmbH & Co. K...
BAUMER_VLG_12C IVO-BAUMER_VLG_12C Datasheet
359Kb / 1P
   Gigabit Ethernet, 1,2 Megapixels, Color
BAUMER_VLG_20C IVO-BAUMER_VLG_20C Datasheet
359Kb / 1P
   Gigabit Ethernet, 2,0 Megapixel, Color
BAUMER_VLG_40C IVO-BAUMER_VLG_40C Datasheet
358Kb / 1P
   Gigabit Ethernet, 4,0 Megapixel, Color
BAUMER_VLG_22C IVO-BAUMER_VLG_22C Datasheet
358Kb / 1P
   Gigabit Ethernet, 2,0 Megapixel, Color
logo
Leopard Imaging Inc.
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
   USB 3.0
logo
Glenair, Inc.
963-012 GLENAIR-963-012 Datasheet
205Kb / 1P
   USB 3.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com