Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1518 Datasheet(PDF) 1 Page - YOBON TECHNOLOGIES,INC.

Part # YB1518
Description  Step-up DC-DC Converter White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1518 Datasheet(HTML) 1 Page - YOBON TECHNOLOGIES,INC.

  YB1518 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1518 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1518 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1518 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1518 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1518 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1518 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1518 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1518 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
YB1518
Step-up DC-DC Converter White LED Driver
YB1518 Rev.1.3
www.yobon.com.tw
1
Description
The YB1518 is a step-up DC-DC converter
;
operates as current source to drive up to 6
white LEDs(VIN at 3.0V) or 8 LEDs(VIN at
3.5V) or 9 LEDs(VIN at 3.5V) in series
.
Series connecting of the LEDs provides
identical LED currents resulting in uniform
brightness and eliminating the need for
ballast resistors. The light intensity of these
LEDs is proportional to the current passing
through them
. The YB1518 switches at a
fixed frequency of ~930KHz, allowing the
use of tiny, low profile inductors and
capacitors to minimize footprint and cost in
space
consideration
applications
for
cellular phone backlighting or other hand
held equipment.
The YB1518 can drive up to 9 white LEDs
from a single Li-Ion battery. The wide input
voltage range from 2.7V to 7V is ideal for
portable
applications
with
higher
conversion efficiency. To control LED
brightness, the LED current can be pulsed
by applying a PWM (pulse width modulated)
signal with a frequency range of 100Hz to
1KHz to the CTRL pin.
YB1518 has integrated Latched Over
Voltage Protection that prevents damage to
the device in case of a high impedance
output due to faulty LED or open circuit
caused by abnormal conditions.
Typical Application Circuit
Features
Built-in internal switch
2.7V to 7V input range
<1uA shutdown current
PWM dimming control 100Hz to 1KHz
Analog dimming control
Internal Soft Start
Drives up to 9 white LEDs(VIN at 3.5V)
Over voltage protection 34V
Small 5-Lead SOT-23 package
100mV Low Reference Voltage
Applications
LCD Display Module
White LED Backlighting
PDAs, GPS terminals
Digital Cameras
Cellular Phone
Electronic Books
Portable Applications
Figure 1: Typical Application Circuit


Similar Part No. - YB1518

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
YB1517ST25 YOBON-YB1517ST25 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
   High-Power White LED Driver
More results

Similar Description - YB1518

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
logo
Taiwan Semiconductor Co...
TS1518 TSC-TS1518 Datasheet
355Kb / 7P
   Step-Up DC-DC Converter, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com