Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1517ST25 Datasheet(PDF) 4 Page - YOBON TECHNOLOGIES,INC.

Part # YB1517ST25
Description  Step-up DC-DC Converter & White LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1517ST25 Datasheet(HTML) 4 Page - YOBON TECHNOLOGIES,INC.

  YB1517ST25 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1517ST25 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1517ST25 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1517ST25 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1517ST25 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1517ST25 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1517ST25 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1517ST25 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1517ST25 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
YB1517
Step-up DC-DC Converter & White LED Driver
YB1517 Rev.1.4
www.yobon.com.tw
4
Electrical Characteristics
Table 3
(VIN = 3.3V, L=22μH, CIN = 1μF, COUT = 4.7μF, TA=25°C, unless otherwise noted.)
Description
Symbol
Test Conditions
MIN
TYP
MAX
Units
Input Voltage Range
VIN
2.7
16
V
Quiescent Current
IQ
VFB = 0.5V
1.5
1.7
mA
Shutdown Current
ISD
CTRL = 0V
0.3
1
μA
Feedback Voltage
VFB
IOUT = 20mA,VOUT = 6V
Circuit of Figure 2
210
220
230
mV
85% duty cycle
850
900
1000
mA
Switch Current Limit
ICL
40% duty cycle
400
mA
FB Pin Bias Current
IB
VFB = 220mV
1
μA
Switching Frequency
FSW
850
900
950
KHz
Maximum Duty Cycle
DMAX
85
%
Minimum Duty Cycle
DMIN
20
25
%
Switch Vcesat
VSAT
At ISW = 200mA
180
mV
Switch Leakage Current
ILKG
CTRL = 0.5V
1
μA
Full On
1.7
V
VCTRL for Full LED Current
VCTL
Full Off
0.3
V
CTRL Pin Bias Current
ICTL
CTRL = 2V
40
μA
Over Voltage Protection
OVP
28
30
35
V
Over Thermal Protection
OTP
160
°C
Note :
Absolute maximum ratings are limits beyond which damage to the device may occur. The maximum allowable,
power dissipation at any ambient temperature is calculated using: PD(MAX)= [TJ(MAX)-TA]/θJA .


Similar Part No. - YB1517ST25

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1518ST25 YOBON-YB1518ST25 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
   High-Power White LED Driver
More results

Similar Description - YB1517ST25

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
logo
Taiwan Semiconductor Co...
TS1518 TSC-TS1518 Datasheet
355Kb / 7P
   Step-Up DC-DC Converter, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com