Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1230ST25X180 Datasheet(PDF) 2 Page - YOBON TECHNOLOGIES,INC.

Part # YB1230ST25X180
Description  600mA, Low-Noise LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1230ST25X180 Datasheet(HTML) 2 Page - YOBON TECHNOLOGIES,INC.

  YB1230ST25X180 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1230ST25X180 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1230ST25X180 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1230ST25X180 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1230ST25X180 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1230ST25X180 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1230ST25X180 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1230ST25X180 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1230ST25X180 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
YB1230
600mA, Low-Noise LDO Regulator
YB1230 Rev.1.6
www.yobon.com.tw
2
Pin Configuration
Figure 2: Pin Configuration
Pin Description
Table 1
Name
Description
VIN
Unregulated input supply. Bypass with a capacitor to GND.
GND
Ground pin.
EN
Pull high to enable the regulator.
VOUT
Regulated output voltage. Bypass with a capacitor to GND.


Similar Part No. - YB1230ST25X180

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1230ST25X180 YOBON-YB1230ST25X180 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
More results

Similar Description - YB1230ST25X180

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3986H POWER-LP3986H Datasheet
514Kb / 6P
   600mA,Ultra-low Noise LDO Regulator
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
   600mA CMOS Low Power Low Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005 Datasheet
362Kb / 7P
   600mA Low Noise CMOS LDO
TS9005 TSC-TS9005_08 Datasheet
129Kb / 7P
   600mA Low Noise CMOS LDO
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
logo
AiT Semiconductor Inc.
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
   600mA High PSRR, Low Noise, LDO Regulators
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com