Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4402-HF Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO4402-HF
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO4402-HF Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  AO4402-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO4402-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO4402-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO4402-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd AO4402-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Typical Characterisitics
0
20
40
60
80
0.5
1
1.5
2
2.5
VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
0
2
4
6
8
10
0
5
10
15
20
25
30
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
0.8
1
1.2
1.4
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
3
4
5
6
7
8
9
10
0
2
4
6
8
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
VDS=5V
VGS=2.5V
VGS=4.5V
ID=20A
25°C
125°C
0
20
40
60
80
100
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
N-Channel MOSFET
AO4402-HF (KO4402-HF)


Similar Part No. - AO4402-HF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO4402 ETC-AO4402 Datasheet
256Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4402 AOSMD-AO4402 Datasheet
280Kb / 6P
   20V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4402 WHXPCB-AO4402 Datasheet
2Mb / 6P
   20V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4402 KEXIN-AO4402 Datasheet
1Mb / 5P
   N-Channel MOSFET
More results

Similar Description - AO4402-HF

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com