Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM1-6516-9 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HM1-6516-9
Description  2K x 8 CMOS RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM1-6516-9 Datasheet(HTML) 4 Page - Intersil Corporation

  HM1-6516-9 Datasheet HTML 1Page - Intersil Corporation HM1-6516-9 Datasheet HTML 2Page - Intersil Corporation HM1-6516-9 Datasheet HTML 3Page - Intersil Corporation HM1-6516-9 Datasheet HTML 4Page - Intersil Corporation HM1-6516-9 Datasheet HTML 5Page - Intersil Corporation HM1-6516-9 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6-4
AC Electrical Specifications VCC = 5V ±10%; TA = -40oC to +85oC (HM-6516B-9, HM-6516-9)
SYMBOL
PARAMETER
LIMITS
UNITS
TEST
CONDITIONS
HM-6516B-9
HM-6516-9
MIN
MAX
MIN
MAX
(1)
TELQV
Chip Enable Access Time
-
120
-
200
ns
(Notes 1, 3)
(2)
TAVQV
Address Access Time
-
120
-
200
ns
(Notes 1, 3, 4)
(3)
TELQX
Chip Enable Output Enable Time
10
-
10
-
ns
(Notes 2, 3)
(4)
TWLQZ
Write Enable Output Disable Time
-
50
-
80
ns
(Notes 2, 3)
(5)
TEHQZ
Chip Enable Output Disable Time
-
50
-
80
ns
(Notes 2, 3)
(6)
TGLQV
Output Enable Output Valid Time
-
80
-
80
ns
(Notes 1, 3)
(7)
TGLQX
Output Enable Output Enable Time
10
-
10
-
ns
(Notes 2, 3)
(8)
TGHQZ
Output Enable Output DisableTime
-
50
-
80
ns
(Notes 2, 3)
(9)
TELEH
Chip Enable Pulse Negative Width
120
-
200
-
ns
(Notes 1, 3)
(10)
TEHEL
Chip Enable Pulse Positive Width
50
-
80
-
ns
(Notes 1, 3)
(11)
TAVEL
Address Setup Time
0
-
0
-
ns
(Notes 1, 3)
(12)
TELAX
Address Hold Time
30
-
50
-
ns
(Notes 1, 3)
(13)
TWLWH
Write Enable Pulse Width
120
-
200
-
ns
(Notes 1, 3)
(14)
TWLEH
Write Enable Pulse Setup Time
120
-
200
-
ns
(Notes 1, 3)
(15)
TELWH
Write Enable Pulse Hold Time
120
-
200
-
ns
(Notes 1, 3)
(16)
TDVWH
Data Setup Time
50
-
80
-
ns
(Notes 1, 3)
(17)
TWHDX
Data Hold Time
10
-
10
-
ns
(Notes 1, 3)
(18)
TELEL
Read or Write Cycle Time
170
-
280
-
ns
(Notes 1, 3)
NOTES:
1. Input pulse levels: 0.8V to VCC - 2.0V; Input rise and fall times: 5ns (max); Input and output timing reference level: 1.5V; Output load:
1 TTL gate equivalent, CL = 50pF (min) - for CL greater than 50pF, access time is derated by 0.15ns per pF.
2. Tested at initial design and after major design changes.
3. VCC = 4.5V and 5.5V.
4. TAVQV = TELQV + TAVEL.
HM-6516


Similar Part No. - HM1-6516-9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM1-6516-9 RENESAS-HM1-6516-9 Datasheet
84Kb / 6P
   2K x 8 CMOS RAM
March 1997
More results

Similar Description - HM1-6516-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6516883 INTERSIL-HM-6516883 Datasheet
201Kb / 8P
   2K x 8 CMOS RAM
logo
Renesas Technology Corp
HM-6516 RENESAS-HM-6516 Datasheet
84Kb / 6P
   2K x 8 CMOS RAM
March 1997
logo
TEMIC Semiconductors
M67132 TEMIC-M67132 Datasheet
707Kb / 15P
   2K X 8 CMOS DUAL PORT RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com