Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM-65162 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HM-65162
Description  2K x 8 Asynchronous CMOS Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM-65162 Datasheet(HTML) 6 Page - Intersil Corporation

  HM-65162 Datasheet HTML 1Page - Intersil Corporation HM-65162 Datasheet HTML 2Page - Intersil Corporation HM-65162 Datasheet HTML 3Page - Intersil Corporation HM-65162 Datasheet HTML 4Page - Intersil Corporation HM-65162 Datasheet HTML 5Page - Intersil Corporation HM-65162 Datasheet HTML 6Page - Intersil Corporation HM-65162 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Timing Waveforms (Continued)
In this write cycle G has control of the output after a period,
TGHQZ. G switching the output to a high impedance state
allows data in to be applied without bus contention after
Low Voltage Data Retention
Intersil CMOS RAMs are designed with battery backup in
mind. Data retention voltage and supply current are guaran-
teed over temperature. The following rules ensure data
retention:
1. Chip Enable (E) must be held high during data retention;
within VCC -0.3V to VCC +0.3V.
2. On RAMs which have selects or output enables (e.g., S,
G), one of the selects or output enables should be held in
the deselected state to keep the RAM outputs high im-
pedance, minimizing power dissipation.
3. Inputs which are to be held high (e.g., E) must be kept be-
tween VCC +0.3V and 70% of VCC during the power up
and down transitions.
4. The RAM can begin operation > 55ns after VCC reaches
the minimum operating voltage (4.5V).
(17) TDVWH
(21) TDVEH
(18) TWHDX
(15)
TGHQZ
ADDRESS
G
E
W
Q
D
(10) TAVAX
(22) TAVWH
(14)
TWHAX
(11) TELWH
(12) TAVWL
FIGURE 3. WRITE CYCLE II
(13) TWLWH
VCC -0.3V TO VCC +0.3V
VCC ≥ 02.0V
4.5V
VCC
E
4.5V
>55ns
DATA
RETENTION
TIMING
FIGURE 4. DATA RETENTION TIMING
HM-65162


Similar Part No. - HM-65162

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65162/883 INTERSIL-HM-65162/883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
More results

Similar Description - HM-65162

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Intersil Corporation
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
CY6116A CYPRESS-CY6116A Datasheet
466Kb / 9P
   2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com