Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM-6514 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HM-6514
Description  1024 x 4 CMOS RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM-6514 Datasheet(HTML) 4 Page - Intersil Corporation

  HM-6514 Datasheet HTML 1Page - Intersil Corporation HM-6514 Datasheet HTML 2Page - Intersil Corporation HM-6514 Datasheet HTML 3Page - Intersil Corporation HM-6514 Datasheet HTML 4Page - Intersil Corporation HM-6514 Datasheet HTML 5Page - Intersil Corporation HM-6514 Datasheet HTML 6Page - Intersil Corporation HM-6514 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6-4
AC Electrical Specifications VCC = 5V ±10%; TA = -40oC to +85oC (HM-6514S-9, HM-6514B-9, HM-6514-9)
TA = -55
oC to +125oC (HM-6514B-8, HM-6514-8)
SYMBOL
PARAMETER
LIMITS
UNITS
TEST
CONDITIONS
HM-6514S-9
HM-6514B-9
HM-6514-9
MIN
MAX
MIN
MAX
MIN
MAX
(1)
TELQV
Chip Enable Access Time
-
120
-
220
-
300
ns
(Notes 1, 3)
(2)
TAVQV
Address Access Time
-
120
-
220
-
320
ns
(Notes 1, 3, 4)
(3)
TELQX
Chip Enable Output Enable
Time
5
-
5
-
5
-
ns
(Notes 2, 3)
(4)
TEHQZ
Chip Enable Output Disable
Time
-
50
-
80
-
100
ns
(Notes 2, 3)
(5)
TELEH
Chip Enable Pulse Negative
Width
120
-
200
-
300
-
ns
(Notes 1, 3)
(6)
TEHEL
Chip Enable Pulse Positive
Width
50
-
90
-
120
-
ns
(Notes 1, 3)
(7)
TAVEL
Address Setup Time
0
-
20
-
20
-
ns
(Notes 1, 3)
(8)
TELAX
Address Hold Time
40
-
50
-
50
-
ns
(Notes 1, 3)
(9)
TWLWH
Write Enable Pulse Width
120
-
200
-
300
-
ns
(Notes 1, 3)
(10)
TWLEH
Chip Enable Write Pulse
Setup Time
120
-
200
-
300
-
ns
(Notes 1, 3)
(11)
TELWH
Chip Enable Write Pulse Hold
Time
120
-
200
-
300
-
ns
(Notes 1, 3)
(12)
TDVWH
Data Setup Time
50
-
120
-
200
-
ns
(Notes 1, 3)
(13)
TWHDX
Data Hold Time
0
-
0
-
0
-
ns
(Notes 1, 3)
(14)
TWLDV
Write Data Delay Time
70
-
80
-
100
-
ns
(Notes 1, 3)
(15)
TWLEL
Early Output High-Z Time
0
-
0
-
0
-
ns
(Notes 1, 3)
(16)
TEHWH
Late Output High-Z Time
0
-
0
-
0
-
ns
(Notes 1, 3)
(17)
TELEL
Read or Write Cycle Time
170
-
290
-
420
-
-
(Notes 1, 3)
NOTES:
1. Input pulse levels: 0.8V to VCC - 2.0V; Input rise and fall times: 5ns (max); Input and output timing reference level: 1.5V; Output load:
1 TTL gate equivalent, CL = 50pF (min) - for CL greater than 50pF, access time is derated by 0.15ns per pF.
2. Tested at initial design and after major design changes.
3. VCC = 4.5V and 5.5V.
4. TAVQV = TELQV + TAVEL.
HM-6514


Similar Part No. - HM-6514

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6514/883 INTERSIL-HM-6514/883 Datasheet
193Kb / 9P
   1024 x 4 CMOS RAM
HM-6514883 INTERSIL-HM-6514883 Datasheet
193Kb / 9P
   1024 x 4 CMOS RAM
More results

Similar Description - HM-6514

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6514883 INTERSIL-HM-6514883 Datasheet
193Kb / 9P
   1024 x 4 CMOS RAM
HM-6518 INTERSIL-HM-6518 Datasheet
220Kb / 9P
   1024 x 1 CMOS RAM
HM-6508 INTERSIL-HM-6508 Datasheet
234Kb / 9P
   1024 x 1 CMOS RAM
logo
Hitachi Semiconductor
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
   1024-word x 4-bit High Speed Static CMOS RAM
logo
Sanyo Semicon Device
LC3514 SANYO-LC3514 Datasheet
132Kb / 1P
   1024 WORDS X 4 BITS HIGH-SPEED CMOS STATIC RAM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Intersil Corporation
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
   1024-Word x 4-Bit LSI Static RAM
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
   1024-Word x 4-Bit LSI Static RAM
CDP1821C INTERSIL-CDP1821C Datasheet
32Kb / 7P
   High-Reliability CMOS 1024-Word x 1-Bit Static RAM
March 1997
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com