Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM-6508883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HM-6508883
Description  1024 x 1 CMOS RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM-6508883 Datasheet(HTML) 1 Page - Intersil Corporation

  HM-6508883 Datasheet HTML 1Page - Intersil Corporation HM-6508883 Datasheet HTML 2Page - Intersil Corporation HM-6508883 Datasheet HTML 3Page - Intersil Corporation HM-6508883 Datasheet HTML 4Page - Intersil Corporation HM-6508883 Datasheet HTML 5Page - Intersil Corporation HM-6508883 Datasheet HTML 6Page - Intersil Corporation HM-6508883 Datasheet HTML 7Page - Intersil Corporation HM-6508883 Datasheet HTML 8Page - Intersil Corporation HM-6508883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
6-69
March 1997
HM-6508/883
1024 x 1 CMOS RAM
Features
• This
Circuit
is
Processed
in
Accordance
to
MIL-STD-883 and is Fully Conformant Under the Provi-
sions of Paragraph 1.2.1.
• Low Power Standby . . . . . . . . . . . . . . . . . . . . 50
µW Max
• Low Power Operation . . . . . . . . . . . . . 20mW/MHz Max
• Fast Access Time. . . . . . . . . . . . . . . . . . . . . . 180ns Max
• Data Retention . . . . . . . . . . . . . . . . . . . . . . . . . .2.0V Min
• TTL Compatible Input/Output
• High Output Drive - 2 TTL Loads
• On-Chip Address Register
Description
The HM-6508/883 is a 1024 x 1 static CMOS RAM
fabricated
using
self-aligned
silicon
gate
technology.
Synchronous circuit design techniques are employed to
achieve high performance and low power operation.
On chip latches are provided for address allowing efficient
interfacing with microprocessor systems. The data output
buffers can be forced to a high impedance state for use in
expanded memory arrays.
The HM-6508/883 is a fully static RAM and may be main-
tained in any state for an indefinite period of time. Data
retention supply voltage and supply current are guaranteed
over temperature.
Pinout
HM1-6508/883
(CERDIP)
TOP VIEW
Ordering Information
PACKAGE
TEMP. RANGE
180ns
250ns
PKG. NO.
CERDIP
-55oC to +125oC HM1-
6508B/883
HM1-
6508/883
F16.3
PIN
DESCRIPTION
A
Address Input
E
Chip Enable
W
Write Enable
D
Data Input
Q
Data Output
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
E
A0
A1
A2
A3
A4
GND
Q
VCC
W
A9
A8
A7
A6
A5
D
File Number
2985.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HM-6508883

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
HM-6501-5 HARRIS-HM-6501-5 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
HM-6501B HARRIS-HM-6501B Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
HM-6501B-2 HARRIS-HM-6501B-2 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
HM-6501B-9 HARRIS-HM-6501B-9 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
More results

Similar Description - HM-6508883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6518 INTERSIL-HM-6518 Datasheet
220Kb / 9P
   1024 x 1 CMOS RAM
HM-6514 INTERSIL-HM-6514 Datasheet
41Kb / 7P
   1024 x 4 CMOS RAM
HM-6514883 INTERSIL-HM-6514883 Datasheet
193Kb / 9P
   1024 x 4 CMOS RAM
CDP1821C INTERSIL-CDP1821C Datasheet
32Kb / 7P
   High-Reliability CMOS 1024-Word x 1-Bit Static RAM
March 1997
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
Hitachi Semiconductor
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
   1024-word x 4-bit High Speed Static CMOS RAM
logo
Sanyo Semicon Device
LC3514 SANYO-LC3514 Datasheet
132Kb / 1P
   1024 WORDS X 4 BITS HIGH-SPEED CMOS STATIC RAM
logo
National Semiconductor ...
MM2102A NSC-MM2102A Datasheet
105Kb / 3P
   1024-Bit (1024 x 1) Static RAMs
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Intel Corporation
M2148H INTEL-M2148H Datasheet
2Mb / 5P
   HIGH SPEED 1024 X BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com