Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO3460-3 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO3460-3
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO3460-3 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  AO3460-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO3460-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO3460-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO3460-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel MOSFET
AO3460 (KO3460)
Typical Characterisitics
0
2
4
6
8
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
5
10
15
20
25
30
0
10
20
30
40
50
60
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
4
8
12
16
20
0.0001 0.001
0.01
0.1
1
10
100
Coss
Crss
VDS=30V
ID=0.65A
TJ(Max)=150°C
TA=25°C
0.001
0.010
0.100
1.000
10.000
0.01
0.1
1
10
100
10µs
10ms
1ms
0.1s
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
100µs
10s
1s
0
0.0001 0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=125°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Ton
T
PD
Ton
PD
0.001
0.01
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
TC=25°C


Similar Part No. - AO3460-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO3460-HF KEXIN-AO3460-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
AO3460-HF-3 KEXIN-AO3460-HF-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO3460-3

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com