Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP7020AB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP7020AB
Description  J1850 Bus Transceiver For Multiplex Wiring Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7020AB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP7020AB Datasheet HTML 3Page - Intersil Corporation HIP7020AB Datasheet HTML 4Page - Intersil Corporation HIP7020AB Datasheet HTML 5Page - Intersil Corporation HIP7020AB Datasheet HTML 6Page - Intersil Corporation HIP7020AB Datasheet HTML 7Page - Intersil Corporation HIP7020AB Datasheet HTML 8Page - Intersil Corporation HIP7020AB Datasheet HTML 9Page - Intersil Corporation HIP7020AB Datasheet HTML 10Page - Intersil Corporation HIP7020AB Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice.
Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reli-
able. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HIP7020
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section
2.2 of Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.15mm (0.006 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. In-
terlead flash and protrusions shall not exceed 0.25mm (0.010
inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
B S
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)
B
M
M
α
Small Outline Plastic Packages (SOIC)
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
α
0o
8o
0o
8o
-
Rev. 0 12/93


Similar Part No. - HIP7020AB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP7010 INTERSIL-HIP7010 Datasheet
106Kb / 20P
   J1850 Byte Level Interface Circuit
HIP7010B INTERSIL-HIP7010B Datasheet
106Kb / 20P
   J1850 Byte Level Interface Circuit
HIP7010P INTERSIL-HIP7010P Datasheet
106Kb / 20P
   J1850 Byte Level Interface Circuit
HIP7030A0 INTERSIL-HIP7030A0 Datasheet
44Kb / 10P
   J1850 8-Bit 68HC05 Microcontroller Emulator Version
HIP7030A0M INTERSIL-HIP7030A0M Datasheet
44Kb / 10P
   J1850 8-Bit 68HC05 Microcontroller Emulator Version
More results

Similar Description - HIP7020AB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6636B OKI-MSM6636B Datasheet
102Kb / 13P
   SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
logo
NXP Semiconductors
AU5780 PHILIPS-AU5780 Datasheet
74Kb / 10P
   SAE/J1850/VPW transceiver
1998 Jun 30
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
logo
TEMIC Semiconductors
U6057B TEMIC-U6057B Datasheet
87Kb / 9P
   Receiver for Point-to-Point Multiplex Systems
logo
Sanyo Semicon Device
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72709E SANYO-LC72709E Datasheet
194Kb / 16P
   FM Multiplex Reception IC for Mobile Systems
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
logo
NXP Semiconductors
AU5783 PHILIPS-AU5783 Datasheet
115Kb / 14P
   J1850/VPW transceiver with supply control function
1999 May 11
logo
Analog Devices
ADM3051 AD-ADM3051_V01 Datasheet
215Kb / 16P
   High Speed Industrial CAN Transceiver with Bus Protection for 24 V Systems
Rev. A
logo
ETAL Group
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com