Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTDN3154C6 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTDN3154C6
Description  N-CHANNEL MOSFET (dual transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTDN3154C6 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTDN3154C6 Datasheet HTML 1Page - Cystech Electonics Corp. MTDN3154C6 Datasheet HTML 2Page - Cystech Electonics Corp. MTDN3154C6 Datasheet HTML 3Page - Cystech Electonics Corp. MTDN3154C6 Datasheet HTML 4Page - Cystech Electonics Corp. MTDN3154C6 Datasheet HTML 5Page - Cystech Electonics Corp. MTDN3154C6 Datasheet HTML 6Page - Cystech Electonics Corp. MTDN3154C6 Datasheet HTML 7Page - Cystech Electonics Corp. MTDN3154C6 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C915C6
Issued Date : 2014.05.12
Revised Date :
Page No. : 5/ 8
MTDN3154C6
CYStek Product Specification
Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
0.5
1
1.5
2
2.5
3
01
2
3
4
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
0.001
0.01
0.1
1
ID, Drain Current(A)
VDS=10V
VGS, Gate-Source Voltage(V)
VDS=10V
Ta=25°C
Pulsed
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
D=0.5
0.2
0.1
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*ZθJA(t)
4.RθJA=833°C/W
0.05
0.02
0.01
Single Pulse


Similar Part No. - MTDN3154C6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDN3018S6R CYSTEKEC-MTDN3018S6R Datasheet
263Kb / 7P
   N-CHANNEL MOSFET (dual transistors)
More results

Similar Description - MTDN3154C6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDN1034C6 CYSTEKEC-MTDN1034C6 Datasheet
316Kb / 8P
   N-CHANNEL MOSFET (dual transistors)
MTDN138ZS6R CYSTEKEC-MTDN138ZS6R Datasheet
281Kb / 7P
   N-Channel MOSFET (dual transistors)
MTDK1S6R CYSTEKEC-MTDK1S6R Datasheet
262Kb / 7P
   N-CHANNEL MOSFET (dual transistors)
MTDN7002ZHS6R CYSTEKEC-MTDN7002ZHS6R Datasheet
259Kb / 7P
   N-CHANNEL MOSFET (dual transistors)
MTDN6303S6R CYSTEKEC-MTDN6303S6R Datasheet
334Kb / 8P
   N-CHANNEL MOSFET (dual transistors)
MTDN3018S6R CYSTEKEC-MTDN3018S6R Datasheet
263Kb / 7P
   N-CHANNEL MOSFET (dual transistors)
logo
New Jersey Semi-Conduct...
40820 NJSEMI-40820_13 Datasheet
88Kb / 1P
   MOSFET TRANSISTORS DUAL-GATE N-CHANNEL
40820 NJSEMI-40820 Datasheet
88Kb / 1P
   MOSFET TRANSISTORS DUAL-GATE N-CHANNEL
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com