Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB1D7N03ATH8 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTB1D7N03ATH8
Description  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB1D7N03ATH8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB1D7N03ATH8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB1D7N03ATH8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB1D7N03ATH8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB1D7N03ATH8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB1D7N03ATH8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB1D7N03ATH8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB1D7N03ATH8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB1D7N03ATH8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB1D7N03ATH8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C948H8
Issued Date : 2014.06.06
Revised Date :
Page No. : 3/9
MTB1D7N03ATH8
CYStek Product Specification
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Qg *1, 2
-
53
-
Qgs *1, 2
-
16
-
Qgd *1, 2
-
25
-
nC
VDS=15V, VGS=4.5V, ID=15A
td(ON) *1, 2
-
16
-
tr
*1, 2
-
21
-
td(OFF) *1, 2
-
76
-
tf *1, 2
-
32
-
ns
VDS=15V, ID=1A, VGS=10V, RG=3.3Ω
Rg
-
1.6
-
Ω
VGS=15mV, VDS=0V, f=1MHz
Source-Drain Diode
IS *1
-
-
90
ISM *3
-
-
360
A
VSD *1
-
0.79
1.2
V
IS=20A, VGS=0V
trr
-
28
-
ns
Qrr
-
23
-
nC
IF=20A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
Recommended Soldering Footprint
unit : mm


Similar Part No. - MTB1D7N03ATH8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB1D7N03E3 CYSTEKEC-MTB1D7N03E3 Datasheet
363Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB1D7N03J3 CYSTEKEC-MTB1D7N03J3 Datasheet
469Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB1D7N03J3 DOINGTER-MTB1D7N03J3 Datasheet
1Mb / 7P
   N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - MTB1D7N03ATH8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com