Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTC2383K3-0-TB-G Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # BTC2383K3-0-TB-G
Description  NPN Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTC2383K3-0-TB-G Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  BTC2383K3-0-TB-G Datasheet HTML 1Page - Cystech Electonics Corp. BTC2383K3-0-TB-G Datasheet HTML 2Page - Cystech Electonics Corp. BTC2383K3-0-TB-G Datasheet HTML 3Page - Cystech Electonics Corp. BTC2383K3-0-TB-G Datasheet HTML 4Page - Cystech Electonics Corp. BTC2383K3-0-TB-G Datasheet HTML 5Page - Cystech Electonics Corp. BTC2383K3-0-TB-G Datasheet HTML 6Page - Cystech Electonics Corp. BTC2383K3-0-TB-G Datasheet HTML 7Page - Cystech Electonics Corp. BTC2383K3-0-TB-G Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C625K3
Issued Date : 2014.04.17
Revised Date :
Page No. : 5/8
BTC2383K3
CYStek Product Specification
Typical Characteristics(Cont.)
Cutoff Frequency vs Collector Current
10
100
1000
1
10
100
1000
IC, Collector Current(mA)
VCE=10V


Similar Part No. - BTC2383K3-0-TB-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC2383A3 CYSTEKEC-BTC2383A3 Datasheet
224Kb / 9P
   General Purpose NPN Epitaxial Planar Transistor
More results

Similar Description - BTC2383K3-0-TB-G

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com