Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG732 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG732
Description  Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG732 Datasheet(HTML) 4 Page - Analog Devices

  ADG732_15 Datasheet HTML 1Page - Analog Devices ADG732_15 Datasheet HTML 2Page - Analog Devices ADG732_15 Datasheet HTML 3Page - Analog Devices ADG732_15 Datasheet HTML 4Page - Analog Devices ADG732_15 Datasheet HTML 5Page - Analog Devices ADG732_15 Datasheet HTML 6Page - Analog Devices ADG732_15 Datasheet HTML 7Page - Analog Devices ADG732_15 Datasheet HTML 8Page - Analog Devices ADG732_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
B Version
–40 C
Parameter
+25 C
to +85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance (RON)4
Ω typ
VS = VSS to VDD, IDS = 10 mA;
5.5
6
Ω max
Test Circuit 1
On Resistance Match Between
0.3
Ω typ
VS = VSS to VDD, IDS = 10 mA
Channels (
∆R
ON)
0.8
Ω max
On Resistance Flatness (RFLAT(ON))
0.5
Ω typ
VS = VSS to VDD, IDS = 10 mA
1
Ω max
LEAKAGE CURRENTS
VDD = +2.75 V, VSS = –2.75 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS = +2.25 V/–1.25 V, VD = –1.25 V/+2.25 V;
±0.25
±0.5
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.05
nA max
VS = +2.25 V/–1.25 V, VD = –1.25 V/+2.25 V;
ADG726
±0.5
±2.5
nA max
Test Circuit 3
ADG732
±1
±5
nA max
Channel ON Leakage ID, IS (ON)
±0.05
nA typ
VS = VD = +2.25 V/–1.25 V;
ADG726
±0.5
±2.5
nA max
Test Circuit 4
ADG732
±1
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
1.7
V min
Input Low Voltage, VINL
0.7
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.5
µA max
CIN, Digital Input Capacitance
5
pF typ
DYNAMIC CHARACTERISTICS
2
tTRANSITION
33
ns typ
RL = 300
, CL = 35 pF; Test Circuit 5
45
51
ns max
VS1 = 1.5 V/0 V, VS32 = 0 V/1.5 V
Break-Before-Make Time Delay, tD
15
ns typ
RL = 300
, CL = 35 pF;
1
ns min
VS = 1.5 V; Test Circuit 6
tON(CS, WR)
21
ns typ
VS = 1.5 V; Test Circuit 7
30
37
ns max
RL = 300
, CL = 35 pF;
tOFF(CS, WR)
20
ns typ
VS = 1.5 V; Test Circuit 7
29
35
ns max
RL = 300
, CL = 35 pF;
tON(EN, WR)
26
ns typ
RL = 300
, CL = 35 pF;
37
ns max
VS = 1.5 V; Test Circuit 8
tOFF(EN)
18
ns typ
RL = 300
, CL = 35 pF;
26
29
ns max
VS = 1.5 V; Test Circuit 8
Charge Injection
1
pC typ
VS = 0 V, RS = 0
, CL = 1 nF;
Test Circuit 9
OFF Isolation
–72
dB typ
RL = 50
, CL = 5 pF, f = 1 MHz;
Test Circuit 10
Channel-to-Channel Crosstalk
–72
dB typ
RL = 50
, CL = 5 pF, f = 1 MHz;
Test Circuit 11
–3 dB Bandwidth
RL = 50
, CL = 5 pF; Test Circuit 12
ADG726
34
MHz typ
ADG732
18
MHz typ
CS (OFF)
13
pF typ
CD (OFF)
ADG726
137
pF typ
f = 1 MHz
ADG732
275
pF typ
f = 1 MHz
CD, CS (ON)
ADG726
150
pF typ
f = 1 MHz
ADG732
300
pF typ
f = 1 MHz
POWER REQUIREMENTS
IDD
10
µA typ
VDD = +2.75 V
20
µA max
Digital Inputs = 0 V or +2.75 V
ISS
10
µA typ
VSS = –2.75 V
20
µA max
Digital Inputs = 0 V or +2.75 V
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Guaranteed by design; not subject to production test.
Specifications subject to change without notice.
–4–
ADG726/ADG732 SPECIFICATIONS1
(VDD = +2.5 V
10%, VSS = –2.5 V
10%, GND = 0 V, unless otherwise noted.)
DUAL SUPPLY


Similar Part No. - ADG732_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG732BCP AD-ADG732BCP Datasheet
201Kb / 13P
   16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD 2001
ADG732BCP AD-ADG732BCP Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BCP AD-ADG732BCP Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSU AD-ADG732BSU Datasheet
201Kb / 13P
   16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD 2001
ADG732BSU AD-ADG732BSU Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
More results

Similar Description - ADG732_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG658 AD-ADG658_15 Datasheet
399Kb / 20P
   Analog Multiplexers
REV. C
ADG726 AD-ADG726_15 Datasheet
262Kb / 12P
   Analog Multiplexers
REV. 0
ADG659 AD-ADG659_15 Datasheet
399Kb / 20P
   Analog Multiplexers
REV. C
ADG608 AD-ADG608_15 Datasheet
166Kb / 12P
   Performance Analog Multiplexers
REV. A
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
ON Semiconductor
MC74HC4053DT ONSEMI-MC74HC4053DT Datasheet
213Kb / 16P
   Analog Multiplexers/ Demultiplexers
MC74VHC4052DTR2G ONSEMI-MC74VHC4052DTR2G Datasheet
206Kb / 17P
   Analog Multiplexers Demultiplexers
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com