Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC547BA3-0-BK-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BC547BA3-0-BK-G
Description  General Purpose NPN Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BC547BA3-0-BK-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BC547BA3-0-BK-G Datasheet HTML 1Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 2Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 3Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 4Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 5Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 6Page - Cystech Electonics Corp. BC547BA3-0-BK-G Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C204A3
Issued Date : 2015.01.23
Revised Date :
Page No. : 2 / 7
BC547BA3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
200
mA
Base Current
IB
100
mA
Power Dissipation @Ta=25℃
Pd
625
mW
Thermal Resistance, Junction to Ambient
RθJA
200
°C/W
Operating Junction Temperature Range
Tj
-55~+150
°C
Storage Temperature Range
Tstg
-55~+150
°C
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100μA
BVCEO
50
-
-
V
IC=1mA
BVEBO
6
-
-
V
IE=10μA
ICBO
-
-
100
nA
VCB=60V
IEBO
-
-
100
nA
VEB=5V
*VCE(sat) 1
-
58
200
mV
IC=10mA, IB=0.5mA
*VCE(sat) 2
-
150
500
mV
IC=100mA, IB=5mA
*VBE(sat) 1
-
720
900
mV
IC=10mA, IB=0.5mA
*VBE(sat) 2
-
860
1.2
V
IC=100mA, IB=5mA
VBE 1
0.58
0.65
0.7
V
VCE=5V, IC=2mA
VBE 2
-
0.7
0.77
V
VCE=5V, IC=10mA
hFE 1
120
-
-
-
VCE=5V, IC=10μA
hFE 2
200
-
450
-
VCE=5V, IC=2mA
hFE 3
100
-
-
-
VCE=5V, IC=100mA
hFE 4
50
-
-
-
VCE=6V, IC=150mA
fT
100
-
-
MHz
VCE=5V, IC=10mA, f=100MHz
Cob
-
2.1
-
pF
VCB=10V, IE=0A, f=1MHz
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%


Similar Part No. - BC547BA3-0-BK-G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC547B MOTOROLA-BC547B Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Pan Jit International I...
BC547B PANJIT-BC547B Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
BC547B FAIRCHILD-BC547B Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC547B ONSEMI-BC547B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
STMicroelectronics
BC547B STMICROELECTRONICS-BC547B Datasheet
53Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
More results

Similar Description - BC547BA3-0-BK-G

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com