Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2749TB-E3 Datasheet(PDF) 8 Page - NEC

Part # UPC2749TB-E3
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2749TB-E3 Datasheet(HTML) 8 Page - NEC

Back Button UPC2749TB-E3 Datasheet HTML 4Page - NEC UPC2749TB-E3 Datasheet HTML 5Page - NEC UPC2749TB-E3 Datasheet HTML 6Page - NEC UPC2749TB-E3 Datasheet HTML 7Page - NEC UPC2749TB-E3 Datasheet HTML 8Page - NEC UPC2749TB-E3 Datasheet HTML 9Page - NEC UPC2749TB-E3 Datasheet HTML 10Page - NEC UPC2749TB-E3 Datasheet HTML 11Page - NEC UPC2749TB-E3 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet P13489EJ2V0DS00
8
µµµµPC2749TB
Pin = –6 dBm
VCC = 3.0 V
f = 1.9 GHz
VCC = 3.0 V
VCC = 3.0 V
f = 1.9 GHz
0.1
0.3
1.0
3.0
0
–10
–20
–30
–40
–50
0
–10
–20
–30
–40
–50
0.1
0.3
1.0
3.0
0
–5
–10
–15
–20
–25
0.1
0.3
1.0
3.0
–50
–40
–30
–20
–10
0
–45
–35
–25
–15
–5
–30 –28 –26 –24 –22 –20 –18 –16 –14 –12 –10
Output Power of Each Tone PO (each) (dBm)
ISOLATION vs. FREQUENCY
INPUT RETURN LOSS, OUTPUT RETURN
LOSS vs. FREQUENCY
OUTPUT POWER vs. INPUT POWER
OUTPUT POWER vs. INPUT POWER
Frequency f (GHz)
Frequency f (GHz)
Input Power Pin (dBm)
SATURATED OUTPUT POWER vs. FREQUENCY
Frequency f (GHz)
THIRD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
Input Power Pin (dBm)
0
–5
–10
–15
–20
–25
–30
0
–5
–10
–15
–20
–25
–30
–40
–35
–30
–25
–20
–15
–10
–5
0
–40
–35
–30
–25
–20
–15
–10
–5
0
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
RLout
RLin
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
TA = +85
°C
TA = +85
°C
TA = –40
°C
TA = –40
°C
TA = +25
°C
TA = +25
°C
f1 = 1.900 GHz
f2 = 1.902 GHz


Similar Part No. - UPC2749TB-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2749TB-E3 RENESAS-UPC2749TB-E3 Datasheet
272Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
California Eastern Labs
UPC2749TB-E3-A CEL-UPC2749TB-E3-A Datasheet
213Kb / 7P
   3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
More results

Similar Description - UPC2749TB-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com