Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2747TB-E3 Datasheet(PDF) 5 Page - NEC

Part # UPC2747TB-E3
Description  3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2747TB-E3 Datasheet(HTML) 5 Page - NEC

  UPC2747TB-E3 Datasheet HTML 1Page - NEC UPC2747TB-E3 Datasheet HTML 2Page - NEC UPC2747TB-E3 Datasheet HTML 3Page - NEC UPC2747TB-E3 Datasheet HTML 4Page - NEC UPC2747TB-E3 Datasheet HTML 5Page - NEC UPC2747TB-E3 Datasheet HTML 6Page - NEC UPC2747TB-E3 Datasheet HTML 7Page - NEC UPC2747TB-E3 Datasheet HTML 8Page - NEC UPC2747TB-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet P13444EJ2V0DS00
5
µµµµPC2747TB, µµµµPC2748TB
STANDARD CHARACTERISTICS FOR REFERENCE (TA = +25
°°°°C, ZL = ZS = 50 Ω
Ω)
Reference
Parameter
Symbol
Test Conditions
µPC2747TB
µPC2748B
Unit
Circuit Current
ICC
VCC = 1.8 V,
No signals
3.0
3.5
mA
Power Gain
GP
VCC = 1.8 V,
f = 900 MHz
5.5
11.5
dB
Maximum Output Level
PO(sat)
VCC = 1.8 V,
f = 900MHz,
Pin =
−8 dBm
−13.7
−10.0
dBm
Noise Figure
NF
VCC = 1.8 V,
f = 900 MHz
5.2
4.5
dB
Upper Limit Operating Frequency
fu
VCC = 1.8 V,
3 dB down below
from gain at
f = 900 MHz
1.8
1.5
GHz
Lower Limit Operating Frequency
fL
VCC = 1.8 V,
3 dB down below
from gain at
f = 900 MHz
0.2
GHz
Isolation
ISL
VCC = 1.8 V,
f = 900MHz
34
34
dB
Input Return Loss
RLin
VCC = 1.8 V,
f = 900MHz
11
10
dB
Output Return Loss
RLout
VCC = 1.8 V,
f = 900MHz
13
12
dB
VCC = 3.0 V,
Pout =
−20 dBm,
f1 = 900 MHz,
f2 = 902 MHz
−34
−38
3rd Order Intermodulation Distortion
IM3
VCC = 1.8 V,
Pout =
−20 dBm,
f1 = 900 MHz,
f2 = 902 MHz
−20
−28
dBc


Similar Part No. - UPC2747TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2747TB-E3 CEL-UPC2747TB-E3 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2747TB-E3 RENESAS-UPC2747TB-E3 Datasheet
243Kb / 21P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2002
logo
California Eastern Labs
UPC2747TB-E3-A CEL-UPC2747TB-E3-A Datasheet
240Kb / 9P
   3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
More results

Similar Description - UPC2747TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com