Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG662 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG662
Description  Precision 5 V Quad SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG662 Datasheet(HTML) 5 Page - Analog Devices

  ADG662_15 Datasheet HTML 1Page - Analog Devices ADG662_15 Datasheet HTML 2Page - Analog Devices ADG662_15 Datasheet HTML 3Page - Analog Devices ADG662_15 Datasheet HTML 4Page - Analog Devices ADG662_15 Datasheet HTML 5Page - Analog Devices ADG662_15 Datasheet HTML 6Page - Analog Devices ADG662_15 Datasheet HTML 7Page - Analog Devices ADG662_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG661/ADG662/ADG663
–5–
REV. 0
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential in
dual supplies. In single supply applications,
it may be connected to GND.
GND
Ground (0 V) Reference.
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
IN
Logic Control Input.
RON
Ohmic resistance between D and S.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” Switch Source Capacitance.
CD (OFF)
“OFF” Switch Drain Capacitance.
CD, CS (ON)
“ON” Switch Capacitance.
tON
Delay between applying the digital control
input and the output switching on.
tOFF
Delay between applying the digital control
input and the output switching off.
tD
“OFF” time or “ON” time measured between
the 90% points of both switches, when
switching from one address state to another.
Crosstalk
A measure of unwanted signal which is
coupled through from one channel to another
as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” switch.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to analog output during
switching.
PIN CONFIGURATION
Table I. Truth Table (ADG661/ADG662)
ADG661 In
ADG662 In
Switch Condition
01
ON
1
0
OFF
Table II. Truth Table (ADG663)
Logic
Switch 1, 4
Switch 2, 3
0
OFF
ON
1
ON
OFF
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN1
D1
S1
VSS
GND
S4
D4
IN4
IN2
D2
S2
VDD
NC
S3
D3
IN3
ADG661
ADG662
ADG663
NC = NO CONNECT


Similar Part No. - ADG662_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG662BRU AD-ADG662BRU Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG662BRU AD-ADG662BRU Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
More results

Similar Description - ADG662_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ AD-ADG512BRZ Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513BRZ-REEL7 AD-ADG513BRZ-REEL7 Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511BRZ AD-ADG511BRZ Datasheet
144Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com