Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSXX3014C1A_VER.A.5 Datasheet(PDF) 2 Page - OptoSupply International

Part # OSXX3014C1A_VER.A.5
Description  3.0x1.4x0.8mm smd
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSXX3014C1A_VER.A.5 Datasheet(HTML) 2 Page - OptoSupply International

  OSXX3014C1A_VER.A.5 Datasheet HTML 1Page - OptoSupply International OSXX3014C1A_VER.A.5 Datasheet HTML 2Page - OptoSupply International OSXX3014C1A_VER.A.5 Datasheet HTML 3Page - OptoSupply International OSXX3014C1A_VER.A.5 Datasheet HTML 4Page - OptoSupply International OSXX3014C1A_VER.A.5 Datasheet HTML 5Page - OptoSupply International OSXX3014C1A_VER.A.5 Datasheet HTML 6Page - OptoSupply International OSXX3014C1A_VER.A.5 Datasheet HTML 7Page - OptoSupply International OSXX3014C1A_VER.A.5 Datasheet HTML 8Page - OptoSupply International OSXX3014C1A_VER.A.5 Datasheet HTML 9Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3
3..0
0 x
x 1
1..4
4 x
x 0
0..8
8m
mm
m S
SM
MD
D
OSXX3014C1A
V
Ve
er
r..A
A..5
5
Rank
* Correspondence Table of Luminous Flux – Intensity
Chromaticity Diagram
LED & Application Technologies


Similar Part No. - OSXX3014C1A_VER.A.5

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX3014C1A OPTOSUPPLY-OSXX3014C1A Datasheet
504Kb / 9P
   3.0 x 1.4 x 0.8mm SMD
More results

Similar Description - OSXX3014C1A_VER.A.5

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com