Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG636 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG636
Description  1 pC Charge Injection, 100 pA Leakage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG636 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG636_15 Datasheet HTML 3Page - Analog Devices ADG636_15 Datasheet HTML 4Page - Analog Devices ADG636_15 Datasheet HTML 5Page - Analog Devices ADG636_15 Datasheet HTML 6Page - Analog Devices ADG636_15 Datasheet HTML 7Page - Analog Devices ADG636_15 Datasheet HTML 8Page - Analog Devices ADG636_15 Datasheet HTML 9Page - Analog Devices ADG636_15 Datasheet HTML 10Page - Analog Devices ADG636_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG636
Rev. B | Page 7 of 16
VDD = 3 V ± 10%, VSS = 0 V, GND = 0 V. All specifications −40°C to +125°C, unless otherwise noted.
Table 3.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
VDD = 2.7 V, VSS = 0 V
On Resistance, RON
380
420
460
Ω typ
VS = 1.5 V, IDS = −1 mA, Figure 14
On Resistance Match Between Channels, ΔRON
5
Ω typ
VS = 1.5 V, IDS = −1 mA
LEAKAGE CURRENTS
VDD = 3.3 V
Source Off Leakage, IS (Off )
±0.01
nA typ
VS = 1 V/3 V, VD = 3 V/1 V,
Figure 15
±0.1
±0.25
±2
nA max
VS = 1 V/3 V, VD = 3 V/1 V,
Figure 15
Drain Off Leakage, ID (Off )
±0.01
nA typ
VS = 1 V/3 V, VD = 3 V/1 V,
Figure 15
±0.1
±0.25
±2
nA max
VS = 1 V/3 V, VD = 3 V/1 V,
Figure 15
Channel On Leakage, ID (On), IS (On)
±0.01
nA typ
VS = VD = 1 V/3 V, Figure 16
±0.1
±0.25
±6
nA max
VS = VD = 1 V/3 V, Figure 16
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
VIN = VINL or VINH
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time
170
ns typ
VS1A = 2 V, VS1B = 0 V, RL = 300 Ω,
CL = 35 pF, Figure 17
320
390
450
ns max
VS1A = 2 V, VS1B = 0 V, RL = 300 Ω,
CL = 35 pF, Figure 17
tON Enable
250
ns typ
RL = 300 Ω, CL = 35 pF, VS = 2 V,
Figure 19
360
460
530
ns max
RL = 300 Ω, CL = 35 pF, VS = 2 V,
Figure 19
tOFF Enable
110
ns typ
RL = 300 Ω, CL = 35 pF, VS = 2 V,
Figure 19
175
205
230
ns max
RL = 300 Ω, CL = 35 pF, VS = 2 V,
Figure 19
Break-Before-Make Time Delay, tBBM
80
ns typ
RL = 300 Ω, CL = 35 pF, VS1 = 2 V,
Figure 18
10
ns min
RL = 300 Ω, CL = 35 pF, VS1 = 2 V,
Figure 18
Charge Injection
0.6
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF,
Figure 20
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz,
Figure 21
Channel-to-Channel Crosstalk
−65
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz,
Figure 23
Bandwidth −3 dB
530
MHz typ
RL = 50 Ω, CL = 5 pF, Figure 22
CS (Off )
5
pF typ
f = 1 MHz
CD (Off )
8
pF typ
f = 1 MHz
CD (On), CS (On)
8
pF typ
f = 1 MHz


Similar Part No. - ADG636_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG636YRU AD-ADG636YRU Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG636YRU AD-ADG636YRU Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG636YRUZ-REEL1 AD-ADG636YRUZ-REEL1 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG636YRUZ-REEL71 AD-ADG636YRUZ-REEL71 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
More results

Similar Description - ADG636_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG604 VISHAY-DG604_V01 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com