Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG619 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG619
Description  Single SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG619 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG619_15 Datasheet HTML 5Page - Analog Devices ADG619_15 Datasheet HTML 6Page - Analog Devices ADG619_15 Datasheet HTML 7Page - Analog Devices ADG619_15 Datasheet HTML 8Page - Analog Devices ADG619_15 Datasheet HTML 9Page - Analog Devices ADG619_15 Datasheet HTML 10Page - Analog Devices ADG619_15 Datasheet HTML 11Page - Analog Devices ADG619_15 Datasheet HTML 12Page - Analog Devices ADG619_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG619/ADG620
Rev. C | Page 9 of 16
250
0
100
50
200
150
VS (V)
5
–3
12
34
–5
–1
–2
–4
0
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
TA = 25°C
Figure 10. Charge Injection vs. Source Voltage
TEMPERATURE (°C)
–40
–20
20
040
60
80
180
160
0
80
60
40
20
140
100
120
tON
tOFF
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
Figure 11. tON/tOFF Times vs. Temperatures
0.03
–10
1
10
100
FREQUENCY (MHz)
–20
–30
–40
–50
–60
–70
–80
–90
–100
VDD = +5V
VSS = –5V
TA = 25°C
Figure 12. Off Isolation vs. Frequency
100
0.2
10
1
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
VDD =+5V
VSS = –5V
TA = 25°C
Figure 13. Crosstalk vs. Frequency
1000
0.2
0
10
–2
–4
–6
–8
–10
–12
–14
1100
FREQUENCY (MHz)
VDD =+5V
VSS = –5V
TA = 25°C
Figure 14. On Response vs. Frequency


Similar Part No. - ADG619_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG619BRM AD-ADG619BRM Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG619BRM AD-ADG619BRM Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG619BRM-REEL AD-ADG619BRM-REEL Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG619BRM-REEL7 AD-ADG619BRM-REEL7 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG619BRMZ-REEL2 AD-ADG619BRMZ-REEL2 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
More results

Similar Description - ADG619_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG620 AD-ADG620_15 Datasheet
365Kb / 16P
   Single SPDT Switches
REV. C
logo
BOWEI Integrated Circui...
SW20X BOWEI-SW20X Datasheet
115Kb / 1P
   SPDT Switches
logo
Micronetics, Inc.
2S3021 MICRONETICS-2S3021 Datasheet
307Kb / 1P
   SPDT SWITCHES
logo
BOWEI Integrated Circui...
SWDT-1C BOWEI-SWDT-1C Datasheet
100Kb / 1P
   PIN SPDT Switches
SWST-1A BOWEI-SWST-1A Datasheet
97Kb / 1P
   PIN SPDT Switches
logo
Maxim Integrated Produc...
MAX4624EUT MAXIM-MAX4624EUT Datasheet
218Kb / 11P
   1ohm, Low-Voltage, Single-Supply SPDT Analog Switches
Rev 2; 5/01
MAX4624 MAXIM-MAX4624 Datasheet
169Kb / 12P
   1?? Low-Voltage, Single-Supply SPDT Analog Switches
Rev 1; 1/00
logo
Analog Devices
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
logo
Maxim Integrated Produc...
MAX4740 MAXIM-MAX4740 Datasheet
289Kb / 13P
   Quad SPDT Audio Switches
Rev 1; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com