Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP7113SYC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP7113SYC
Description  T-1 3/4 (5mm) SOLID STATE LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113SYC Datasheet(HTML) 3 Page - Kingbright Corporation

  WP7113SYC_15 Datasheet HTML 1Page - Kingbright Corporation WP7113SYC_15 Datasheet HTML 2Page - Kingbright Corporation WP7113SYC_15 Datasheet HTML 3Page - Kingbright Corporation WP7113SYC_15 Datasheet HTML 4Page - Kingbright Corporation WP7113SYC_15 Datasheet HTML 5Page - Kingbright Corporation WP7113SYC_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAF2441
REV NO: V.7B
DATE: JAN/21/2015
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1101005335
Super Bright Yellow
WP7113SYC


Similar Part No. - WP7113SYC_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113SYC-J KINGBRIGHT-WP7113SYC-J Datasheet
185Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP SUPER BRIGHT YELLOW
WP7113SYC-J3 KINGBRIGHT-WP7113SYC-J3 Datasheet
319Kb / 5P
   T-1 3/4 (5mm) Solid State Lamp
WP7113SYC-J3 KINGBRIGHT-WP7113SYC-J3_15 Datasheet
320Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113SYC/J KINGBRIGHT-WP7113SYC/J Datasheet
185Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP SUPER BRIGHT YELLOW
WP7113SYCK-J3 KINGBRIGHT-WP7113SYCK-J3 Datasheet
319Kb / 5P
   T-1 3/4 (5mm) Solid State Lamp
More results

Similar Description - WP7113SYC_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-7524PWC-H KINGBRIGHT-L-7524PWC-H Datasheet
90Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503GD KINGBRIGHT-WP1503GD_15 Datasheet
319Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LSECK-J3 KINGBRIGHT-WP7113LSECK-J3_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63GT KINGBRIGHT-WP63GT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63SRC KINGBRIGHT-WP63SRC_15 Datasheet
317Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP63SRD KINGBRIGHT-WP63SRD_15 Datasheet
317Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP63YT KINGBRIGHT-WP63YT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503SRD KINGBRIGHT-WP1503SRD_15 Datasheet
318Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LGD KINGBRIGHT-WP7113LGD_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113LID KINGBRIGHT-WP7113LID_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113LZGCK KINGBRIGHT-WP7113LZGCK_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com