Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6201 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP6201
Description  Transient Voltage Regulator DeCAPitator?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6201 Datasheet(HTML) 8 Page - Intersil Corporation

  HIP6201 Datasheet HTML 1Page - Intersil Corporation HIP6201 Datasheet HTML 2Page - Intersil Corporation HIP6201 Datasheet HTML 3Page - Intersil Corporation HIP6201 Datasheet HTML 4Page - Intersil Corporation HIP6201 Datasheet HTML 5Page - Intersil Corporation HIP6201 Datasheet HTML 6Page - Intersil Corporation HIP6201 Datasheet HTML 7Page - Intersil Corporation HIP6201 Datasheet HTML 8Page - Intersil Corporation HIP6201 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2-448
In actual systems, the load transient will most likely be of
varying frequency and step size. The power dissipation
of the HIP6200/1 becomes even more difficult to estimate
analytically.
HIP6200 Temperature Rise
The HIP6200/1 junction temperature can be estimated
simply by:
where:
ΘJA is the thermal resistance from junction to ambient.
Example: HIP6200/1 Junction Temperature Calculation
TAMBIENT = 70
oC
PDISS = 0.2W
ΘJA = 100oC/W
THIP6200 = 70
oC + (0.2 x 100) = 90oC
In a similar fashion, one could estimate the maximum
allowable power dissipation for given maximum ambient and
transient loading and determine the boundary of maximum
transient frequency.
Example
Maximum Transient Frequency Calculation
TAMBIENT = 70
oC
THIP6200 = 110
oC max
ΘJA = 80oC/W (this number is dependent upon airflow and
the amount of pc board trace connected to HIP6200
Max PDISS = (110
oC - 70oC)/(80oC/W) = 0.5W
From Figures 4 and 5, the estimated maximum transient
frequency is obtained for any of the seven cases shown. For
instance, from Figure 4, the maximum transient frequency is
about 4kHz for the 8A transient step and the conditions
stipulated.
FIGURE 5. ESTIMATED HIP6200, HIP6201 POWER
DISSIPATION vs CONVERTER RESPONSE TIME
TRANSIENT FREQUENCY (Hz)
102
103
104
0.1
0.2
0.3
0.4
0.5
0.6
TR1 = 2µs, TR2 = 10µs
TR1 = 5µs, TR2 = 20µs
TR1 = 10µs, TR2 = 30µs
TR1 = 15µs, TR2 = 40µs
T
HIP6200
T
AMBIENT
P
DISS
Θ
JA
()
+
=
(EQ. 8)
HIP6200, HIP6201


Similar Part No. - HIP6201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6201CB RENESAS-HIP6201CB Datasheet
556Kb / 9P
   Transient Voltage Regulator DeCAPitator
February 5, 2015
More results

Similar Description - HIP6201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6200 RENESAS-HIP6200 Datasheet
556Kb / 9P
   Transient Voltage Regulator DeCAPitator
February 5, 2015
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
   Constant Voltage Regulator Transient Suppressors
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
logo
ON Semiconductor
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
   Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
logo
Texas Instruments
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com