Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-5503-HF000 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # 5082-5503-HF000
Description  14.2 mm (0.56 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-5503-HF000 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button 5082-5503-HF000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-5503-HF000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-5503-HF000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-5503-HF000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-5503-HF000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-5503-HF000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-5503-HF000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-5503-HF000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-5503-HF000 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HDSP-H15x
IV Bin Category
Min.
Max.
K
9.20
16.90
L
13.80
25.30
M
20.70
38.00
N
31.10
56.90
O
46.60
85.40
Intensity Bin Limits (mcd)
AlGaAs Red
HDSP-550x/552x
IV Bin Category
Min.
Max.
E
0.91
1.67
F
1.37
2.51
G
2.05
3.76
H
3.08
5.64
I
4.62
8.64
J
6.93
12.70
K
10.39
19.04
HER
HDSP-570x/572x
IV Bin Category
Min.
Max.
D
0.61
1.11
E
0.91
1.67
F
1.37
2.51
G
2.05
3.76
H
3.08
5.64
I
4.62
8.64
J
6.93
12.70
K
10.39
19.04
Yellow
HDSP-560x/562x
IV Bin Category
Min.
Max.
E
0.91
1.67
F
1.37
2.51
G
2.05
3.76
H
3.08
5.64
I
4.61
8.46
Green
Dominant Wavelength (nm)
Color
Bin
Min.
Max.
Yellow
1
581.50
585.00
3
584.00
587.50
2
586.50
590.00
4
589.00
592.50
Green
2
573.00
577.00
3
570.00
574.00
4
567.00
571.00
5
564.00
568.00
Color Categories
Note:
All categories are established for classification of products. Products
may not be available in all categories. Please contact your Agilent
representatives for further clarification/information.
10
HDSP-H40x/K40x
IV Bin Category
Min.
Max.
B
0.77
1.17
C
0.95
1.45
D
1.19
1.82
E
1.49
2.27
F
1.85
2.89
G
2.32
3.54
H
2.90
4.43
Orange


Similar Part No. - 5082-5503-HF000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5551-00000 HP-5082-5551-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0A000 HP-5082-5551-0A000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0B000 HP-5082-5551-0B000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0C000 HP-5082-5551-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0D000 HP-5082-5551-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results

Similar Description - 5082-5503-HF000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
   14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com