Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6028 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6028
Description  Advanced PWM and Dual Linear Power Control with Integrated ACPI Support Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6028 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6028 Datasheet HTML 1Page - Intersil Corporation HIP6028 Datasheet HTML 2Page - Intersil Corporation HIP6028 Datasheet HTML 3Page - Intersil Corporation HIP6028 Datasheet HTML 4Page - Intersil Corporation HIP6028 Datasheet HTML 5Page - Intersil Corporation HIP6028 Datasheet HTML 6Page - Intersil Corporation HIP6028 Datasheet HTML 7Page - Intersil Corporation HIP6028 Datasheet HTML 8Page - Intersil Corporation HIP6028 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2-315
Slew Rate
SR
COMP = 10pF
-
6
-
V/
µs
PWM CONTROLLER GATE DRIVER
Upper Drive Source
IUGATE
VCC = 12V, VUGATE (or VGATE2) = 6V
-
1
-
A
Upper Drive Sink
RUGATE
VUGATE-PHASE = 1V
-
1.7
3.5
Lower Drive Source
ILGATE
VCC = 12V, VLGATE = 1V
-
1
-
A
Lower Drive Sink
RLGATE
VLGATE = 1V
-
1.4
3.0
PROTECTION AND CONTROL
VOUT1 Over-Voltage Trip
VSEN1 Rising
112
115
118
%
FAULT Sourcing Current
IOVP
VFAULT = 10V
10
14
-
mA
OCSET Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
Soft-Start Current
ISS
-11-
µA
VOUT1 and VOUT3 Disable Low Voltage
-
-
0.8
V
VOUT1 and VOUT3 Disable High Voltage
2.0
-
-
V
POWER GOOD
VOUT1 Upper Threshold
VSEN1 Rising
108
-
110
%
VOUT1 Under Voltage
VSEN1 Rising
92
-
94
%
VOUT1 Hysteresis (VSEN1 / DACOUT)
Upper/Lower Threshold
-
2
-
%
PGOOD Voltage Low
VPGOOD
IPGOOD = -4mA
-
-
0.5
V
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 4. RT RESISTANCE vs FREQUENCY
FIGURE 5. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RT PULLUP
TO +12V
RT PULLDOWN TO VSS
100
200
300
400
500
600
700
800
900
1000
0
20
40
60
80
100
SWITCHING FREQUENCY (kHz)
CGATE = 660pF
CUGATE = CLGATE = CGATE
CGATE = 4800pF
CGATE = 3600pF
CGATE = 1500pF
VVCC = 12V, VIN = 5V
HIP6028


Similar Part No. - HIP6028

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
HIP6020A INTERSIL-HIP6020A Datasheet
710Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results

Similar Description - HIP6028

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
   Advanced PWM and Dual Linear Power Control
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
   Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
   Advanced PWM and Dual Linear Power Control
January 1999
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B Datasheet
134Kb / 14P
   Advanced PWM and Dual Linear Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com