Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2749TB Datasheet(PDF) 5 Page - NEC

Part # UPC2749TB
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2749TB Datasheet(HTML) 5 Page - NEC

  UPC2749TB Datasheet HTML 1Page - NEC UPC2749TB Datasheet HTML 2Page - NEC UPC2749TB Datasheet HTML 3Page - NEC UPC2749TB Datasheet HTML 4Page - NEC UPC2749TB Datasheet HTML 5Page - NEC UPC2749TB Datasheet HTML 6Page - NEC UPC2749TB Datasheet HTML 7Page - NEC UPC2749TB Datasheet HTML 8Page - NEC UPC2749TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet P13489EJ2V0DS00
5
µµµµPC2749TB
TEST CIRCUIT
VCC
1 000 pF
1 000 pF
C1
C3
50
IN
6
1
2, 3, 5
4
C2
50
1 000 pF
OUT
EXAMPLE OF APPLICATION CIRCUIT
1 000 pF
1 000 pF
C4
C5
50
IN
6
1
2, 3, 5
4
C2
50
1 000 pF
OUT
6
1
2, 3, 5
4
C1
C3
1 000 pF
VCC
1 000 pF
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
CAPACITORS FOR THE VCC, INPUT AND OUTPUT PINS
1 000 pF capacitors are recommendable as bypass capacitor for VCC pin and coupling capacitors for input/output
pins.
Bypass capacitor for VCC pin is intended to minimize VCC pin’s ground impedance. Therefore, stable bias can be
supplied against VCC fluctuation.
Coupling capacitors for input/output pins are intended to minimize RF serial impedance and cut DC.
To get a flat gain from 100 MHz up, 1 000 pF capacitors are assembled on the test circuit. [Actually, 1 000 pF
capacitors give flat gain at least 10 MHz. In the case of under 10 MHz operation, increase the value of coupling
capacitor such as 2 200 pF. Because the coupling capacitors are determined by the equation of C = 1/(2
πfZs).]


Similar Part No. - UPC2749TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2749TB CEL-UPC2749TB Datasheet
213Kb / 7P
   3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
UPC2749TB CEL-UPC2749TB Datasheet
2Mb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2749TB CEL-UPC2749TB Datasheet
583Kb / 6P
   3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
logo
Renesas Technology Corp
UPC2749TB RENESAS-UPC2749TB Datasheet
272Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
California Eastern Labs
UPC2749TB-A CEL-UPC2749TB-A Datasheet
583Kb / 6P
   3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
More results

Similar Description - UPC2749TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com