Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG601 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG601
Description  SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG601 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG601_15 Datasheet HTML 4Page - Analog Devices ADG601_15 Datasheet HTML 5Page - Analog Devices ADG601_15 Datasheet HTML 6Page - Analog Devices ADG601_15 Datasheet HTML 7Page - Analog Devices ADG601_15 Datasheet HTML 8Page - Analog Devices ADG601_15 Datasheet HTML 9Page - Analog Devices ADG601_15 Datasheet HTML 10Page - Analog Devices ADG601_15 Datasheet HTML 11Page - Analog Devices ADG601_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG601/ADG602
Rev. C | Page 9 of 12
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential.
IDD
Positive supply current.
ISS
Negative supply current.
GND
Ground (0 V) reference.
S
Source terminal. Can be an input or an output.
D
Drain terminal. Can be an input or an output.
IN
Logic control input.
VD, VS
Analog voltage on Terminal D and Terminal S.
RON
Ohmic resistance between Terminal D and Terminal S.
RFLAT (ON)
Flatness is defined as the difference between the maximum and
minimum values of on resistance as measured over the specified
analog signal range.
IS (Off)
Source leakage current with the switch off.
ID (Off)
Drain leakage current with the switch off.
ID, IS (On)
Channel leakage current with the switch on.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CS (Off)
Off switch source capacitance. Measured with reference to ground.
CD (Off)
Off switch drain capacitance. Measured with reference to ground.
CD, CS (On)
On switch capacitance. Measured with reference to ground.
CIN
Digital input capacitance.
tON
Delay between applying the digital control input and the output
switching on.
tOFF
Delay between applying the digital control input and the output
switching off.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
Off Isolation
A measure of unwanted signal coupling through an off switch.
On Response
Frequency response of the on switch.
Insertion Loss
Loss due to the on resistance of the switch.


Similar Part No. - ADG601_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG601BRM AD-ADG601BRM Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
ADG601BRM AD-ADG601BRM Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG601BRM-REEL AD-ADG601BRM-REEL Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG601BRM-REEL7 AD-ADG601BRM-REEL7 Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG601BRMZ AD-ADG601BRMZ Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
More results

Similar Description - ADG601_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
   SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
   SPST Switches
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
   SPST Switches
SW601 BOWEI-SW601 Datasheet
346Kb / 1P
   6-SPST Switches
logo
Analog Devices
ADG621 AD-ADG621_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
BOWEI Integrated Circui...
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
   4-SPST Switches
logo
Analog Devices
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
BOWEI Integrated Circui...
SW801 BOWEI-SW801 Datasheet
329Kb / 1P
   8-SPST Switches
logo
Analog Devices
ADG622 AD-ADG622_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
C&K Components
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com