Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6019 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP6019
Description  Advanced Dual PWM and Dual Linear Power Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6019 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP6019 Datasheet HTML 7Page - Intersil Corporation HIP6019 Datasheet HTML 8Page - Intersil Corporation HIP6019 Datasheet HTML 9Page - Intersil Corporation HIP6019 Datasheet HTML 10Page - Intersil Corporation HIP6019 Datasheet HTML 11Page - Intersil Corporation HIP6019 Datasheet HTML 12Page - Intersil Corporation HIP6019 Datasheet HTML 13Page - Intersil Corporation HIP6019 Datasheet HTML 14Page - Intersil Corporation HIP6019 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
2-262
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
gain and the output filter, with a double pole break frequency
at FLC and a zero at FESR. The DC gain of the modulator is
simply the input voltage, VIN, divided by the peak-to-peak
oscillator voltage,
∆VOSC.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
internal to the HIP6019 and the impedance networks ZIN
and ZFB. The goal of the compensation network is to
provide a closed loop transfer function with an acceptable
0dB crossing frequency (f0dB) and adequate phase margin.
Phase margin is the difference between the closed loop
phase at f0dB and 180 degrees. The equations below relate
the compensation network’s poles, zeros and gain to the
components (R1, R2, R3, C1, C2, and C3) in Figure 11.
Use these guidelines for locating the poles and zeros of the
compensation network:
1. Pick Gain (R2/R1) for desired converter bandwidth.
2. Place 1ST Zero below filter’s Double Pole (~75% FLC).
3. Place 2ND Zero at filter’s Double Pole.
4. Place 1ST Pole at the ESR Zero.
5. Place 2ND Pole at half the switching frequency.
6. Check Gain against Error Amplifier’s Open-Loop Gain.
7. Estimate Phase Margin - repeat if necessary.
Compensation Break Frequency Equations
Figure 12 shows an asymptotic plot of the DC-DC
converter’s gain vs frequency. The actual modulator gain has
a peak due to the high Q factor of the output filter at FLC,
which is not shown in Figure 12. Using the above guidelines
should yield a compensation gain similar to the curve
plotted. The open loop error amplifier gain bounds the
compensation gain. Check the compensation gain at FP2
with the capabilities of the error amplifier. The closed loop
gain is constructed on the log-log graph of Figure 12 by
adding the modulator gain (in dB) to the compensation gain
(in dB). This is equivalent to multiplying the modulator
transfer function to the compensation transfer function and
plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth loop. A
stable control loop has a 0dB gain crossing with
-20dB/decade slope and a phase margin greater than 45
degrees. Include worst case component variations when
determining phase margin.
Oscillator Synchronization
The PWM controllers use a triangle wave for comparison with
the error amplifier output to provide a pulse-width modulated
wave. Should the output voltages of the two PWM converters
be programmed close to each other, then cross-talk could
cause nonuniform PHASE pulse-widths and increased output
voltage ripple. The HIP6019 avoids this problem by
synchronizing the two converters 180
° out-of-phase for DAC
FIGURE 11. VOLTAGE-MODE BUCK CONVERTER COMPEN-
SATION DESIGN
VOUT
OSC
REFERENCE
LO
CO
ESR
VIN
V
OSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
REFERENCE
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
HIP6019
ZIN
COMP
DRIVER
DETAILED FEEDBACK COMPENSATION
PHASE
VE/A
+
-
+
-
ZIN
F
LC
1
2
π
L
O
C
O
×
×
----------------------------------------
=
F
ESR
1
2
π ESR C
O
×
×
-----------------------------------------
=
F
Z1
1
2
π R
× 2C1
×
-----------------------------------
=
F
Z2
1
2
π
R1
R3
+
() C3
×
×
-------------------------------------------------------
=
F
P1
1
2
π R
2
C1
C2
×
C1
C2
+
----------------------


×
×
-------------------------------------------------------
=
F
P2
1
2
π R
× 3C3
×
-----------------------------------
=
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
20LOG
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
20LOG
(VIN/∆VOSC)
MODULATOR
GAIN
(R2/R1)
FIGURE 12. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
CLOSED LOOP
GAIN
HIP6019


Similar Part No. - HIP6019

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HIP6019 IRF-HIP6019 Datasheet
100Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
logo
Renesas Technology Corp
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
April 1998
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
HIP6019B INTERSIL-HIP6019B Datasheet
481Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6019B RENESAS-HIP6019B Datasheet
770Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
More results

Similar Description - HIP6019

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
April 1998
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B_05 Datasheet
481Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6019B RENESAS-HIP6019B Datasheet
770Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
   Advanced PWM and Dual Linear Power Control
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com