Electronic Components Datasheet Search |
|
HIP6017BCB Datasheet(PDF) 11 Page - Intersil Corporation |
|
HIP6017BCB Datasheet(HTML) 11 Page - Intersil Corporation |
11 / 16 page 11 Modulator Break Frequency Equations The compensation network consists of the error amplifier internal to the HIP6017B and the impedance networks ZIN and ZFB. The goal of the compensation network is to provide a closed loop transfer function with an acceptable 0dB crossing frequency (f0dB) and adequate phase margin. Phase margin is the difference between the closed loop phase at f0dB and 180 degrees. The equations below relate the compensation network’s poles, zeros and gain to the components (R1, R2, R3, C1, C2, and C3) in Figure 11. Use these guidelines for locating the poles and zeros of the compensation network: 1. Pick Gain (R2/R1) for desired converter bandwidth 2. Place 1ST Zero Below Filter’s Double Pole (~75% FLC) 3. Place 2ND Zero at Filter’s Double Pole 4. Place 1ST Pole at the ESR Zero 5. Place 2ND Pole at Half the Switching Frequency 6. Check Gain against Error Amplifier’s Open-Loop Gain 7. Estimate Phase Margin - Repeat if Necessary Compensation Break Frequency Equations Figure 12 shows an asymptotic plot of the DC-DC converter’s gain vs frequency. The actual modulator gain has a peak due to the high Q factor of the output filter at FLC, which is not shown in Figure 12. Using the above guidelines should yield a compensation gain similar to the curve plotted. The open loop error amplifier gain bounds the compensation gain. Check the compensation gain at FP2 with the capabilities of the error amplifier. The closed loop gain is constructed on the log-log graph of Figure 12 by adding the modulator gain (in dB) to the compensation gain (in dB). This is equivalent to multiplying the modulator transfer function to the compensation transfer function and plotting the gain. The compensation gain uses external impedance networks ZFB and ZIN to provide a stable, high bandwidth loop. A stable control loop has a 0dB gain crossing with -20dB/decade slope and a phase margin greater than 45 degrees. Include worst case component variations when determining phase margin. Component Selection Guidelines Output Capacitor Selection The output capacitors for each output have unique requirements. In general the output capacitors should be selected to meet the dynamic regulation requirements. Additionally, the PWM converters require an output capacitor to filter the current ripple. The linear regulator is internally compensated and requires an output capacitor that meets the stability requirements. The load transient for the microprocessor core requires high quality capacitors to supply the high slew rate (di/dt) current demands. PWM Output Capacitors Modern microprocessors produce transient load rates above 10A/ns. High frequency capacitors initially supply the transient and slow the current load rate seen by the bulk capacitors. The bulk filter capacitor values are generally determined by the ESR (effective series resistance) and ESL (effective series inductance) parameters rather than actual capacitance. FIGURE 11. VOLTAGE-MODE BUCK CONVERTER COMPENSATION DESIGN VOUT OSC REFERENCE LO CO ESR VIN ∆V OSC ERROR AMP PWM DRIVER (PARASITIC) ZFB + - REFERENCE R1 R3 R2 C3 C2 C1 COMP VOUT FB ZFB HIP6017B ZIN COMP DRIVER DETAILED FEEDBACK COMPENSATION PHASE VE/A + - + - ZIN F LC 1 2 π L O C O × × ---------------------------------------- = F ESR 1 2 π ESR C O × × ----------------------------------------- = F Z1 1 2 π R × 2C1 × ----------------------------------- = F Z2 1 2 π R1 R3 + () C3 × × ------------------------------------------------------- = F P1 1 2 π R 2 C1 C2 × C1 C2 + ---------------------- × × ------------------------------------------------------- = F P2 1 2 π R × 3C3 × ----------------------------------- = 100 80 60 40 20 0 -20 -40 -60 FP1 FZ2 10M 1M 100K 10K 1K 100 10 OPEN LOOP ERROR AMP GAIN FZ1 FP2 20LOG FLC FESR COMPENSATION FREQUENCY (Hz) GAIN 20LOG (VIN/∆VOSC) MODULATOR GAIN (R2/R1) FIGURE 12. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN CLOSED LOOP GAIN HIP6017B |
Similar Part No. - HIP6017BCB |
|
Similar Description - HIP6017BCB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |