Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP4086AP Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP4086AP
Description  80V, 0.5A Three Phase Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086AP Datasheet(HTML) 6 Page - Intersil Corporation

  HIP4086AP Datasheet HTML 1Page - Intersil Corporation HIP4086AP Datasheet HTML 2Page - Intersil Corporation HIP4086AP Datasheet HTML 3Page - Intersil Corporation HIP4086AP Datasheet HTML 4Page - Intersil Corporation HIP4086AP Datasheet HTML 5Page - Intersil Corporation HIP4086AP Datasheet HTML 6Page - Intersil Corporation HIP4086AP Datasheet HTML 7Page - Intersil Corporation HIP4086AP Datasheet HTML 8Page - Intersil Corporation HIP4086AP Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
HIP4086
Timing Diagrams
FIGURE 1.
FIGURE 2. DISABLE FUNCTION
NOTES:
4. X means any “A”, “B”, or “C” phase.
5. With RDEL resistor tied to VDD, lowers and uppers cannot be turned on at the same time. Low side logic overrides high side logic unless RDEL
< 100mV.
XLI
XHI
XLO
XHO
XLO
XHO
DEAD TIME
DEAD TIME
(RDEL = VSS)
LOWER
LOWER
UPPER
UPPER
(RDEL = VSS)
TURN-ON
TURN-OFF
TURN-ON
TURN-OFF
DIS OR UV
XHI, XLI
XLO
XHO
DISABLE TO LOWER
DISABLE TURN-OFF
DISABLE TO UPPER
REFRESH
TURN-ON PROP DELAY
PULSE WIDTH
PROP DELAY (UPPERS)
ENABLE
HIP4086


Similar Part No. - HIP4086AP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086AP INTERSIL-HIP4086AP Datasheet
227Kb / 9P
   80V, 0.5A Three Phase Driver
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
227Kb / 9P
   80V, 0.5A Three Phase Driver
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
486Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
475Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
More results

Similar Description - HIP4086AP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
   80V, 0.5A Three Phase Driver
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
   80V, 300mA Three Phase High Side Driver
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
   80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
   80V, 300mA Three Phase High Side Driver
logo
Renesas Technology Corp
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
   80V, 300mA Three Phase High Side Driver
October 2, 2015
logo
Monolithic Power System...
EV46885DN-00A MPS-EV46885DN-00A Datasheet
147Kb / 3P
   80V INPUT 0.5A HIGH POWER LED DRIVER
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
80Kb / 4P
   Power Transistor (80V, 0.5A)
2SD1782KT146R ROHM-2SD1782KT146R Datasheet
67Kb / 4P
   Power Transistor (80V, 0.5A)
2SD1782K ROHM-2SD1782K Datasheet
67Kb / 4P
   Power Transistor (80V, 0.5A)
logo
Intersil Corporation
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
   80V, 0.50A Four Phase Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com