Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTE130N20J3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTE130N20J3
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTE130N20J3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTE130N20J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTE130N20J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTE130N20J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTE130N20J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTE130N20J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTE130N20J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTE130N20J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTE130N20J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTE130N20J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C966J3
Issued Date : 2014.12.23
Revised Date :
Page No. : 4/9
MTE130N20J3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
5
10
15
20
25
30
02
4
68
10
VDS, Drain-Source Voltage(V)
10V, 9V, 8V, 7V
VGS=4.5V
VGS=5V
VGS=6V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=4.5V
VGS=6V
VGS=10V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
04
8
12
16
2
IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
100
200
300
400
500
600
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0
0.5
1
1.5
2
2.5
3
-75 -50 -25
0
25 50 75 100 125 150 175 200
Tj, Junction Temperature(°C)
VGS=10V, ID=9A
RDS(ON)@Tj=25°C :156mΩ typ
VGS, Gate-Source Voltage(V)
ID=9A


Similar Part No. - MTE130N20J3

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
MTE130N20J3 DOINGTER-MTE130N20J3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - MTE130N20J3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com