Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTE040N20P3 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # MTE040N20P3
Description  N-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTE040N20P3 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  MTE040N20P3 Datasheet HTML 1Page - Cystech Electonics Corp. MTE040N20P3 Datasheet HTML 2Page - Cystech Electonics Corp. MTE040N20P3 Datasheet HTML 3Page - Cystech Electonics Corp. MTE040N20P3 Datasheet HTML 4Page - Cystech Electonics Corp. MTE040N20P3 Datasheet HTML 5Page - Cystech Electonics Corp. MTE040N20P3 Datasheet HTML 6Page - Cystech Electonics Corp. MTE040N20P3 Datasheet HTML 7Page - Cystech Electonics Corp. MTE040N20P3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C872P3
Issued Date : 2014.08.13
Revised Date :
Page No. : 7/8
MTE040N20P3
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
C/second max.
3
C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
C
150
C
60-120 seconds
150
C
200
C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
C
60-150 seconds
217
C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
C
260 +0/-5
C
Time within 5
C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
C/second max.
6
C/second max.
Time 25
C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - MTE040N20P3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTE040P03N3 CYSTEKEC-MTE040P03N3 Datasheet
455Kb / 9P
   -30V P-Channel Enhancement Mode MOSFET
MTE040P03Q8 CYSTEKEC-MTE040P03Q8 Datasheet
679Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTE040P03Q8-0-T3-G CYSTEKEC-MTE040P03Q8-0-T3-G Datasheet
679Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - MTE040N20P3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com