Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD120C10J4-0-T3-G Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTD120C10J4-0-T3-G
Description  N & P-Channel Enhancement Mode Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTD120C10J4-0-T3-G Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTD120C10J4-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C986J4
Issued Date : 2014.12.05
Revised Date :
Page No. : 5/13
MTD120C10J4
CYStek Product Specification
Q1, N-CH Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=250μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
ID, Drain Current(A)
VDS=10V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
02
46
8
1
Qg, Total Gate Charge(nC)
0
VDS=80V
ID=2A
Maximum Safe Operating Area
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS, Drain-Source Voltage(V)
DC
10ms
1ms
100
μs
RDS(ON)
Limit
TA=25°C, Tj=175°C, VGS=10V
RθJA=90°C/W,Single Pulse
1s
100ms
Maximum Drain Current vs Junction Temperature
0
0.5
1
1.5
2
2.5
25
50
75
100
125
150
175
TJ, Junction Temperature(°C)
TA=25°C, VGS=10V
RθJA=90°C/W


Similar Part No. - MTD120C10J4-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTD120C10H8 CYSTEKEC-MTD120C10H8 Datasheet
662Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTD120C10H8-0-T6-G CYSTEKEC-MTD120C10H8-0-T6-G Datasheet
671Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTD120C10H8 CYSTEKEC-MTD120C10H8_16 Datasheet
671Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTD120C10KH8 CYSTEKEC-MTD120C10KH8 Datasheet
542Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTD120C10KJ4 CYSTEKEC-MTD120C10KJ4 Datasheet
358Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTD120C10J4-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTD5D0C03J4 CYSTEKEC-MTD5D0C03J4 Datasheet
513Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTC4506J4 CYSTEKEC-MTC4506J4 Datasheet
361Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTC3504BJ4 CYSTEKEC-MTC3504BJ4 Datasheet
312Kb / 11P
   N & P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Tuofeng Semico...
TF20NP03N TUOFENG-TF20NP03N Datasheet
1Mb / 8P
   N P-CHANNEL ENHANCEMENT MODE POWER MOSFET
May 2022V1.0
logo
Cystech Electonics Corp...
MTBA6C15J4 CYSTEKEC-MTBA6C15J4 Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
MTD120C10KJ4 CYSTEKEC-MTD120C10KJ4 Datasheet
358Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTB20C03J4 CYSTEKEC-MTB20C03J4 Datasheet
363Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Tuofeng Semico...
TF32324 TUOFENG-TF32324 Datasheet
3Mb / 7P
   NP Channel Enhancement Mode Power MOSFET
Dec,2020 V1.0
TF25NP03M TUOFENG-TF25NP03M Datasheet
2Mb / 8P
   N P-CHANNEL ENHANCEMENT MODE POWER MOSFET
May 2022 V1.0
logo
Cystech Electonics Corp...
MTBA6C12J4 CYSTEKEC-MTBA6C12J4 Datasheet
437Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com