Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD120C10J4-0-T3-G Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTD120C10J4-0-T3-G
Description  N & P-Channel Enhancement Mode Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTD120C10J4-0-T3-G Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTD120C10J4-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTD120C10J4-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C986J4
Issued Date : 2014.12.05
Revised Date :
Page No. : 3/13
MTD120C10J4
CYStek Product Specification
P-CH Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-100
-
-
VGS=0V, ID=-250μA
VGS(th)
-1.2
-
-2.4
V
VDS =VGS, ID=-250μA
GFS *1
-
7.1
-
S
VDS =-10V, ID=-2A
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V
-
-
-1
VDS =-80V, VGS =0V
IDSS
-
-
-25
μA
VDS =-80V, VGS =0V, Tj=125
°C
-
91
120
VGS =-10V, ID=-2A
RDS(ON) *1
-
106
140
VGS =-4.5V, ID=-1.5A
Dynamic
Qg*1
-
27
-
Qgs *1
-
3.8
-
Qgd *1
-
6.3
-
nC
ID=-2A, VDS=-80V, VGS=-10V
td(ON) *1
-
10.6
-
tr
*1
-
18.4
-
td(OFF) *1
-
75.6
-
tf *1
-
65.2
-
ns
VDS=-50V, ID=-1A, VGS=-10V, RG=6Ω
Ciss
-
1323
-
Coss
-
116
-
Crss
-
58
-
pF
VGS=0V, VDS=-25V, f=1MHz
Source-Drain Diode
IS *1
-
-
-2.3
ISM *2
-
-
-9.2
A
VSD *1
-
-0.75
-1.3
V
IS=-2.0A, VGS=0V
trr *1
-
22.6
-
ns
IF=-2.0A, VGS=0V, dIF/dt=100A/μs
Qrr *1
-
24.8
-
nC
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Pulse width limited by maximum junction temperature.
Ordering Information
Device
Package
Shipping
TO-252-4L
MTD120C10J4-0-T3-G
(Pb-free lead plating and halogen-free package)
2500 pcs / Tape & Reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - MTD120C10J4-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTD120C10H8 CYSTEKEC-MTD120C10H8 Datasheet
662Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTD120C10H8-0-T6-G CYSTEKEC-MTD120C10H8-0-T6-G Datasheet
671Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTD120C10H8 CYSTEKEC-MTD120C10H8_16 Datasheet
671Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTD120C10KH8 CYSTEKEC-MTD120C10KH8 Datasheet
542Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTD120C10KJ4 CYSTEKEC-MTD120C10KJ4 Datasheet
358Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTD120C10J4-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTD5D0C03J4 CYSTEKEC-MTD5D0C03J4 Datasheet
513Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTC4506J4 CYSTEKEC-MTC4506J4 Datasheet
361Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTC3504BJ4 CYSTEKEC-MTC3504BJ4 Datasheet
312Kb / 11P
   N & P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Tuofeng Semico...
TF20NP03N TUOFENG-TF20NP03N Datasheet
1Mb / 8P
   N P-CHANNEL ENHANCEMENT MODE POWER MOSFET
May 2022V1.0
logo
Cystech Electonics Corp...
MTBA6C15J4 CYSTEKEC-MTBA6C15J4 Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
MTD120C10KJ4 CYSTEKEC-MTD120C10KJ4 Datasheet
358Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTB20C03J4 CYSTEKEC-MTB20C03J4 Datasheet
363Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Tuofeng Semico...
TF32324 TUOFENG-TF32324 Datasheet
3Mb / 7P
   NP Channel Enhancement Mode Power MOSFET
Dec,2020 V1.0
TF25NP03M TUOFENG-TF25NP03M Datasheet
2Mb / 8P
   N P-CHANNEL ENHANCEMENT MODE POWER MOSFET
May 2022 V1.0
logo
Cystech Electonics Corp...
MTBA6C12J4 CYSTEKEC-MTBA6C12J4 Datasheet
437Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com