Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2723T Datasheet(PDF) 11 Page - NEC

Part # UPC2723T
Description  1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723T Datasheet(HTML) 11 Page - NEC

Back Button UPC2723T Datasheet HTML 4Page - NEC UPC2723T Datasheet HTML 5Page - NEC UPC2723T Datasheet HTML 6Page - NEC UPC2723T Datasheet HTML 7Page - NEC UPC2723T Datasheet HTML 8Page - NEC UPC2723T Datasheet HTML 9Page - NEC UPC2723T Datasheet HTML 10Page - NEC UPC2723T Datasheet HTML 11Page - NEC UPC2723T Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
µµµµµPC2723T
NOTE ON CORRECT USE
(1)
Observe precautions for handling because of electro-static sensitive devices.
(2)
Form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired oscillation).
(3)
Keep the wiring length of the ground pins as short as possible.
(4)
Connect a bypass capacitor (e.g. 1 000 pF) to the VCC pin.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions. Other soldering methods and conditions than
the recommended conditions are to be consulted with our sales representatives.
µPC2723T
Soldering method
Infrared ray reflow
VPS
Wave soldering
Pin part heating
Soldering conditions
Package peak temperature: 235
°C,
Hour: within 30 s. (more than 210
°C),
Time: 2 times, Limited days: no.*
Package peak temperature: 215
°C,
Hour: within 40 s. (more than 200
°C),
Time: 2 times, Limited days: no.*
Soldering tub temperature: less than 260
°C,
Hour: within 10 s.
Time: 1 time, Limited days: no.
Pin area temperature: less than 300
°C,
Hour: within 3 s/pin.
Limited days: no.*
Recommended
condition symbol
IR35–00-2
VP15–00-2
WS60–00-1
*: It is the storage days after opening a dry pack, the storage conditions are 25
°C, less than 65 % RH.
Note 1. The combined use of soldering method is to be avoided (However, except the pin area heating method).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (IEI-1207).


Similar Part No. - UPC2723T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2723T NEC-UPC2723T Datasheet
550Kb / 52P
   VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
UPC2723T NEC-UPC2723T Datasheet
371Kb / 40P
   -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
More results

Similar Description - UPC2723T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8119T NEC-UPC8119T_02 Datasheet
40Kb / 3P
   1.9 GHz AGC AMPLIFIER
logo
Fujitsu Component Limit...
VC-2R8A30 FUJITSU-VC-2R8A30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-50 FUJITSU-VC-50 Datasheet
229Kb / 20P
   ASSP for Mobile Telephone
VC-3R0A23 FUJITSU-VC-3R0A23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone
VC-3R0A50 FUJITSU-VC-3R0A50 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
VC-30 FUJITSU-VC-30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-2R2A80 FUJITSU-VC-2R2A80 Datasheet
152Kb / 13P
   ASSP for Mobile Telephone
VC-2R8A26 FUJITSU-VC-2R8A26 Datasheet
100Kb / 11P
   ASSP for Mobile Telephone
logo
Panasonic Semiconductor
AN6215S PANASONIC-AN6215S Datasheet
56Kb / 5P
   AGC IC for telephone speech network
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com