Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB110P10E3-0-UB-X Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTB110P10E3-0-UB-X
Description  P-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB110P10E3-0-UB-X Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTB110P10E3-0-UB-X Datasheet HTML 1Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 2Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 3Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 4Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 5Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 6Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 7Page - Cystech Electonics Corp. MTB110P10E3-0-UB-X Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C968E3
Issued Date : 2014.08.04
Revised Date :
Page No. : 2/8
MTB110P10E3
CYStek Product Specification
Absolute Maximum Ratings (TC=25C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-100
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current @ TC=25C, VGS=-10V
ID
-23
A
Continuous Drain Current @ TC=100C, VGS=-10V
-16
Pulsed Drain Current
(Note 3)
IDM
-76
Continuous Drain Current @ TA=25C , VGS=10V
(Note 2)
IDSM
-3.0
Continuous Drain Current @ TA=70C , VGS=10V
(Note 2)
-2.4
Avalanche Current
(Note 3)
IAS
-11
Avalanche Energy @ L=7.1mH, ID=-11A, RG=25Ω
(Note 2)
EAS
430
mJ
Repetitive Avalanche Energy@ L=0.1mH
(Note 3)
EAR
14
Power Dissipation
TC=25°C
(Note 1)
PD
140
W
TC=100°C
(Note 1)
70
Power Dissipation
TA=25°C
(Note 2)
PDSM
2
W
TA=70°C
(Note 2)
1.3
Operating Junction and Storage Temperature
Tj, Tstg
-55~+175
C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
1.1
C/W
Thermal Resistance, Junction-to-ambient, max
(Note 1)
62
C/W
Note : 1
.The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
2
. The value of RθJA is measured with the device mounted on 1 in²FR-4 board with 2 oz. copper, in a still air environment
with TA=25°C. The power dissipation PDSM is based on RθJA and the maximum allowed junction
temperature of 150°C. The value in any given application depends on the user’s specific board design, and the
maximum temperature of 175°C may be used if the PCB allows it.
3
. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C. Ratings are based on low frequency
and low duty cycles to keep initial TJ=25°C.
4. The static characteristics are obtained using <300μs pulses, duty cycle 0.5% maximum.
5
. The RθJA is the sum of thermal resistance from junction to case RθJC and case to ambient.


Similar Part No. - MTB110P10E3-0-UB-X

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB110P10F3 CYSTEKEC-MTB110P10F3 Datasheet
542Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10F3-0-T7-S CYSTEKEC-MTB110P10F3-0-T7-S Datasheet
542Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10J3 CYSTEKEC-MTB110P10J3 Datasheet
612Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB110P10J3-0-T3-G CYSTEKEC-MTB110P10J3-0-T3-G Datasheet
612Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB110P10L3 CYSTEKEC-MTB110P10L3 Datasheet
387Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB110P10E3-0-UB-X

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com