Electronic Components Datasheet Search |
|
ADG452 Datasheet(PDF) 4 Page - Analog Devices |
|
ADG452 Datasheet(HTML) 4 Page - Analog Devices |
4 / 16 page ADG451/ADG452/ADG453 Rev. C | Page 4 of 16 SPECIFICATIONS 15 V DUAL SUPPLY VDD = 15 V, VSS = −15 V, VL = 5 V, GND = 0 V. All specifications TMIN to TMAX, unless otherwise noted. Table 1. B Version1 Parameter 25°C TMIN to TMAX Unit Test Conditions/Comments ANALOG SWITCH Analog Signal Range VSS to VDD V On Resistance (RON) 4 Ω typ VD = −10 V to +10 V, IS = −10 mA 5 7 Ω max On Resistance Match Between Channels (ΔRON) 0.1 Ω typ VD = ±10 V, IS = −10 mA 0.5 0.5 Ω max On Resistance Flatness (RFLAT(ON)) 0.2 Ω typ VD = −5 V, 0 V, +5 V, IS = −10 mA 0.5 0.5 Ω max LEAKAGE CURRENTS2 Source Off Leakage, IS (OFF) ±0.02 nA typ VD = ±10 V, VS = ±10 V; see Figure 17 ±0.5 ±2.5 nA max Drain Off Leakage, ID (OFF) ±0.02 nA typ VD = ±10 V, VS = ±10 V; see Figure 17 ±0.5 ±2.5 nA max Channel On Leakage, ID, IS (ON) ±0.04 nA typ VD = VS = ±10 V; see Figure 18 ±1 ±5 nA max DIGITAL INPUTS Input High Voltage, VINH 2.4 V min Input Low Voltage, VINL 0.8 V max Input Current, IINL or IINH 0.005 μA typ VIN = VINL or VINH; all others = 2.4 V or 0.8 V, respectively ±0.5 μA max DYNAMIC CHARACTERISTICS3 tON 70 ns typ RL = 300 Ω, CL = 35 pF, VS = ±10 V; see Figure 19 180 220 ns max tOFF 60 ns typ RL = 300 Ω, CL = 35 pF, VS = ±10 V; see Figure 19 140 180 ns max Break-Before-Make Time Delay, tD (ADG453 Only) 15 ns typ RL = 300 Ω, CL = 35 pF, VS1 = VS2 = +10 V; see Figure 20 5 5 ns min Charge Injection 20 pC typ VS = 0 V, RS = 0 Ω, CL = 1.0 nF; see Figure 21 30 pC max Off Isolation 65 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 22 Channel-to-Channel Crosstalk −90 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 23 CS (OFF) 37 pF typ f = 1 MHz CD (OFF) 37 pF typ f = 1 MHz CD, CS (ON) 140 pF typ f = 1 MHz POWER REQUIREMENTS VDD = 16.5 V, VSS = −16.5 V; digital inputs = 0 V or 5 V IDD 0.0001 μA typ 0.5 5 μA max ISS 0.0001 μA typ 0.5 5 μA max IL 0.0001 μA typ 0.5 5 μA max IGND3 0.0001 μA typ 0.5 5 μA max 1 Temperature range for B version is −40°C to +85°C. 2 TMAX = 70°C. 3 Guaranteed by design, not subject to production test. |
Similar Part No. - ADG452_15 |
|
Similar Description - ADG452_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |