Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP2106 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP2106
Description  100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2106 Datasheet(HTML) 7 Page - Intersil Corporation

  HIP2106 Datasheet HTML 1Page - Intersil Corporation HIP2106 Datasheet HTML 2Page - Intersil Corporation HIP2106 Datasheet HTML 3Page - Intersil Corporation HIP2106 Datasheet HTML 4Page - Intersil Corporation HIP2106 Datasheet HTML 5Page - Intersil Corporation HIP2106 Datasheet HTML 6Page - Intersil Corporation HIP2106 Datasheet HTML 7Page - Intersil Corporation HIP2106 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HIP2106
Dual-In-Line Plastic Packages (PDIP)
C
L
E
eA
C
eB
eC
-B-
E1
INDEX
1 2 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C
A
M
BS
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between
English and Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section
2.2 of Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated
in JEDEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or
protrusions. Mold flash or protrusions shall not exceed 0.010
inch (0.25mm).
6. E and
are measured with the leads constrained to be
perpendicular to datum
.
7. eB and eC are measured at the lead tips with the leads
unconstrained. eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions.
Dambar protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3,
E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch
(0.76 - 1.14mm).
eA
-C-
E8.3 (JEDEC MS-001-BA ISSUE D)
8 LEAD DUAL-IN-LINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.355
0.400
9.01
10.16
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N8
8
9
Rev. 0 12/93


Similar Part No. - HIP2106

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2106A RENESAS-HIP2106A Datasheet
242Kb / 2P
   Low Voltage Driver for Synchronous Rectification
HIP2106A RENESAS-HIP2106A Datasheet
996Kb / 17P
   Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
HIP2106ADBEVAL1Z RENESAS-HIP2106ADBEVAL1Z Datasheet
996Kb / 17P
   Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
HIP2106AIRZ RENESAS-HIP2106AIRZ Datasheet
996Kb / 17P
   Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
HIP2106AIRZ-T RENESAS-HIP2106AIRZ-T Datasheet
996Kb / 17P
   Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
More results

Similar Description - HIP2106

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100 INTERSIL-HIP2100_04 Datasheet
348Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IBT INTERSIL-HIP2100IBT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101EIBZT INTERSIL-HIP2101EIBZT Datasheet
419Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2101 INTERSIL-HIP2101 Datasheet
413Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
HIP2101IB INTERSIL-HIP2101IB Datasheet
410Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2100 RENESAS-HIP2100 Datasheet
670Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com