Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB25C04Q8-0-T3-G Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTB25C04Q8-0-T3-G
Description  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB25C04Q8-0-T3-G Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB25C04Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB25C04Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB25C04Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB25C04Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB25C04Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB25C04Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB25C04Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB25C04Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB25C04Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C955Q8
Issued Date : 2015.03.09
Revised Date :
Page No. : 3/12
MTB25C04Q8
CYStek Product Specification
*td(ON)
-
7.6
-
*tr
-
16.2
-
*td(OFF)
-
24
-
*tf
-
15.2
-
ns
VDS=20V, ID=1A, VGS=10V, RG=6Ω
*Qg
-
11.4
-
*Qgs
-
2.4
-
*Qgd
-
2.0
-
nC
VDS=20V, ID=5A, VGS=10V
Rg
-
1.7
-
Ω
f=1MHz
Body Diode
*IS
-
-
5.7
*ISM
-
-
30
A
*VSD
-
0.86
1.2
V
VGS=0V, IS=7A
trr *
-
6.3
-
ns
Qrr *
-
2.6
-
nC
IF=5A, dIF/dt=100A/μs
P-Channel Electrical Characteristics (Tc=25°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-40
-
-
V
VGS=0V, ID=-250μA
∆BVDSS/∆Tj
-
-0.02
-
V/
°C
Reference to 25
°C, ID=-250μA
VGS(th)
-1.0
-
-2.5
V
VDS=VGS, ID=-250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0V
-
-
-1
VDS=-32V, VGS=0V
IDSS
-
-
-25
μA
VDS=-32V, VGS=0, Tj=125
°C
-
32.7
45
ID=-6A, VGS=-10V
*RDS(ON)
-
47.8
65
m
Ω
ID=-5A, VGS=-4.5V
*GFS
-
10.7
-
S
VDS=-5V, ID=-6A
Dynamic
Ciss
-
1023
-
Coss
-
88
-
Crss
-
71
-
pF
VDS=-20V, VGS=0, f=1MHz
*td(ON)
-
7.6
-
*tr
-
18
-
*td(OFF)
-
54.8
-
*tf
-
17.2
-
ns
VDS=-20V, ID=-1A, VGS=-10V, RG=6Ω
*Qg
-
19.4
-
*Qgs
-
3.4
-
*Qgd
-
3.2
-
nC
VDS=-20V, ID=-5A, VGS=-10V
Rg
-
17.7
-
Ω
f=1MHz
Body Diode
*IS
-
-
-4.9
*ISM
-
-
-30
A
*VSD
-
-0.86
-1.2
V
VGS=0V, IS=-6A
trr *
-
8.8
-
ns
Qrr *
-
3.8
-
nC
IF=6A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTB25C04Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB25C04J4 CYSTEKEC-MTB25C04J4 Datasheet
475Kb / 11P
   N & P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB25C04Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com