Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB20A06Q8-0-T3-G Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # MTB20A06Q8-0-T3-G
Description  Dual N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB20A06Q8-0-T3-G Datasheet(HTML) 9 Page - Cystech Electonics Corp.

  MTB20A06Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB20A06Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB20A06Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB20A06Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB20A06Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB20A06Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB20A06Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB20A06Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB20A06Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C925Q8
Issued Date : 2014.11.12
Revised Date :
Page No. : 9/9
MTB20A06Q8
CYStek Product Specification
SOP-8 Dimension
Marking:
8-Lead SOP-8 Plastic Package
CYStek Package Code: Q8
Date Code
Device Name
B20
A06
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
1.350
1.750
0.053
0.069
E
3.800
4.000
0.150
0.157
A1
0.100
0.250
0.004
0.010
E1
5.800
6.200
0.228
0.244
A2
1.350
1.550
0.053
0.061
e
1.270 (BSC)
0.050 (BSC)
b
0.330
0.510
0.013
0.020
L
0.400
1.270
0.016
0.050
c
0.170
0.250
0.006
0.010
θ
0
0
D
4.700
5.100
0.185
0.200
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - MTB20A06Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB20A06KQ8 CYSTEKEC-MTB20A06KQ8 Datasheet
450Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB20A06KQ8-0-T3-G CYSTEKEC-MTB20A06KQ8-0-T3-G Datasheet
450Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB20A06Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA5A10Q8 CYSTEKEC-MTBA5A10Q8 Datasheet
361Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB20A03KQ8 CYSTEKEC-MTB20A03KQ8 Datasheet
412Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB60A03KQ8 CYSTEKEC-MTB60A03KQ8 Datasheet
419Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB22A04Q8 CYSTEKEC-MTB22A04Q8 Datasheet
336Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB55A03KQ8 CYSTEKEC-MTB55A03KQ8 Datasheet
412Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB45A06Q8 CYSTEKEC-MTB45A06Q8 Datasheet
357Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
logo
Bruckewell Technology L...
MSB22A04Q8 BWTECH-MSB22A04Q8 Datasheet
1Mb / 4P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTB20A03Q8 CYSTEKEC-MTB20A03Q8 Datasheet
358Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB22A03AKQ8 CYSTEKEC-MTB22A03AKQ8 Datasheet
413Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB17A03V8 CYSTEKEC-MTB17A03V8 Datasheet
357Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com