Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN205ACP Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIN205ACP
Description  High Speed 5V Powered RS-232 Transmitters/Receivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN205ACP Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIN205ACP Datasheet HTML 6Page - Intersil Corporation HIN205ACP Datasheet HTML 7Page - Intersil Corporation HIN205ACP Datasheet HTML 8Page - Intersil Corporation HIN205ACP Datasheet HTML 9Page - Intersil Corporation HIN205ACP Datasheet HTML 10Page - Intersil Corporation HIN205ACP Datasheet HTML 11Page - Intersil Corporation HIN205ACP Datasheet HTML 12Page - Intersil Corporation HIN205ACP Datasheet HTML 13Page - Intersil Corporation HIN205ACP Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
3-10
Pin Descriptions
PIN
FUNCTION
VCC
Power Supply Input 5V
±10%, (5V ±5% HIN207A).
V+
Internally generated positive supply (+10V nominal).
V-
Internally generated negative supply (-10V nominal).
GND
Ground Lead. Connect to 0V.
C1+
External capacitor (+ terminal) is connected to this lead.
C1-
External capacitor (- terminal) is connected to this lead.
C2+
External capacitor (+ terminal) is connected to this lead.
C2-
External capacitor (- terminal) is connected to this lead.
TIN
Transmitter Inputs. These leads accept TTL/CMOS levels. An internal 400k
Ω pull-up resistor to VCC is connected to each lead.
TOUT
Transmitter Outputs. These are RS-232 levels (nominally
±10V).
RIN
Receiver Inputs. These inputs accept RS-232 input levels. An internal 5k
Ω pull-down resistor to GND is connected to each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN
Enable Input. This is an active low input which enables the receiver outputs. With EN = 5V, the outputs are placed in a high
impedance state.
SD, SD
Shutdown Input. With SD = 5V (HIN213A SD = 0V), the charge pump is disabled, the receiver outputs are in a high impedance
state (except R4 and R5 of HIN241A) and the transmitters are shut off.
NC
No Connect. No connections are made to these leads.
HIN202A thru HIN241A


Similar Part No. - HIN205ACP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN205 INTERSIL-HIN205 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN205 HARRIS-HIN205 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN205CP INTERSIL-HIN205CP Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN205CP HARRIS-HIN205CP Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN205ACP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com