Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN202IB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIN202IB
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN202IB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIN202IB Datasheet HTML 5Page - Intersil Corporation HIN202IB Datasheet HTML 6Page - Intersil Corporation HIN202IB Datasheet HTML 7Page - Intersil Corporation HIN202IB Datasheet HTML 8Page - Intersil Corporation HIN202IB Datasheet HTML 9Page - Intersil Corporation HIN202IB Datasheet HTML 10Page - Intersil Corporation HIN202IB Datasheet HTML 11Page - Intersil Corporation HIN202IB Datasheet HTML 12Page - Intersil Corporation HIN202IB Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3-9
Receiver Input High Threshold, VIN (L-H)
VCC = 5V,
TA = 25
oC
Active Mode
-
1.7
2.4
V
Shutdown Mode
HIN213 R4 and R5
-
1.5
2.4
V
Receiver Input Hysteresis, VHYST
VCC = 5V
No Hysteresis in Shutdown Mode
0.2
0.5
1.0
V
TIMING CHARACTERISTICS
Baud Rate
1 Transmitter
Switching
RL = 3kΩ
120
-
-
kbps
Output Enable Time, tEN
HIN205, HIN206, HIN211, HIN213
-
400
-
ns
Output Disable Time, tDIS
HIN205, HIN206, HIN211, HIN213
-
200
-
ns
Transmitter, Receiver Propagation Delay, tPD
HIN213 SD = 0V, R4, R5
-
0.5
40
µs
HIN213 SD = VCC, R1 - R5
-
0.5
10
µs
HIN201 - HIN211
-
0.5
10
µs
Transition Region Slew Rate, SRT
RL = 3kΩ, CL = 2500pF Measured from
+3V to -3V or -3V to +3V, 1 Transmitter
Switching (Note 2)
3
-
30
V/
µs
TRANSMITTER OUTPUTS
Output Voltage Swing, TOUT
Transmitter Outputs, 3k
Ω to Ground
±5
±9
±10
V
Output Resistance, ROUT
VCC = V+ = V- = 0V, VOUT = ±2V
300
-
-
RS-232 Output Short Circuit Current, ISC
TOUT Shorted to GND
-
±10
-
mA
NOTE:
2. Guaranteed by design.
Electrical Specifications
Test Conditions: VCC = +5V ±10%, (VCC = +5V ±5%, HIN207); (V+ = 9V to 13.2V, HIN201), C1-C4 = 0.1µF;
TA = Operating Temperature Range (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
+
-
C1
+
-
C3
+
-
C2
+
-
C4
S1
S2
S5
S6
S3
S4
S7
S8
VCC
GND
RC
OSCILLATOR
VCC
GND
V+ = 2VCC
GND
V
- = - (V+)
C1+
C1
-
C2
-
C2+
VOLTAGE INVERTER
VOLTAGE DOUBLER
FIGURE 1. CHARGE PUMP
HIN201 thru HIN213


Similar Part No. - HIN202IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202IB INTERSIL-HIN202IB Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN202IB HARRIS-HIN202IB Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN202IB INTERSIL-HIN202IB Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202IBN INTERSIL-HIN202IBN Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN202IBN HARRIS-HIN202IBN Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN202IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN200 HARRIS-HIN200 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com