Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP0082AS1 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP0082AS1
Description  Quad Power Drivers with Serial Diagnostic Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0082AS1 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP0082AS1 Datasheet HTML 1Page - Intersil Corporation HIP0082AS1 Datasheet HTML 2Page - Intersil Corporation HIP0082AS1 Datasheet HTML 3Page - Intersil Corporation HIP0082AS1 Datasheet HTML 4Page - Intersil Corporation HIP0082AS1 Datasheet HTML 5Page - Intersil Corporation HIP0082AS1 Datasheet HTML 6Page - Intersil Corporation HIP0082AS1 Datasheet HTML 7Page - Intersil Corporation HIP0082AS1 Datasheet HTML 8Page - Intersil Corporation HIP0082AS1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Features
• Low Side Power MOSFET Output Drivers
- Output Voltage Clamp (Typ) . . . . . . . . . . . . . . . . 80V
- Maximum Output Current . . . . . . . . . . . . . . . . 5A/2A
- Output rDS(ON) (TJ = 150
oC) (Max) . . . . .0.57Ω/0.62Ω
• Controlled Slew Rate Switching (HIP0084)
• Single Pulse Energy Rating . . . . . . . . . . . . . . . . . 70mJ
• Programmable Output Over Current Shutdown Threshold
- Bit Select 2A or 5A on Outputs 3 and 4
• Output Protection
- Output Over Current Shutdown
- Output Over Voltage Clamp
- Over Temperature Diagnostic Feedback
• Diagnostics for Shorts, Opens and Over Temperature
• Synchronous Serial Interface with
- 22-Bit Serial Diagnostic Register
- SPI Compatible Interface
• Single 5V Supply Operation with CMOS Logic Inputs
• Supply Current, ICC, Full Load (Typ) . . . . . . . . . <10mA
•Low
θJC Power SIP Packages
SIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3oC/W
PSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2oC/W
• -40oC to 125oC Operating Temperature
Applications
Description
The HIP0082 and HIP0084 Quad Power Drivers contain four
individually protected NDMOS transistor switches to drive
inductive and resistive loads such as: fuel injectors, relays,
solenoids, etc. The outputs are low-side switches driven by
active-low CMOS logic inputs. Each output is protected
against excessive current due to a short-circuit. Internal
drain-to-gate zener diodes provide output clamping for over
voltage. An integrated charge pump allows operation from a
single 5V logic supply. Diagnostic circuits provide ground
short (SG), supply short (SC) and open load (OL) detection
for each of the four output stages and indicate over tempera-
ture. Diagnostic information may be read via a synchronous
serial interface. Six bits of write/store data sets a long or
short OL fault delay time for each output and sets Outputs 3
and 4 to a 2A or 5A current shutdown threshold. The
HIP0084 is specified with controlled slew rate switching.
Both types are fabricated in a Power BiMOS IC process and
are intended for use in automotive and other applications with a
wide range of temperature and electrical stress. They are par-
ticularly suited for driving high-current inductive loads requiring
high breakdown voltage and high output current. Both types
available in the 15 lead Power SIP or 20 lead PSOP packages
with low thermal resistance for high power applications.
Pinouts
• Drivers For
• System Use
- Solenoids
- Injectors
- Automotive
- Relays
- Steppers
- Appliances
- Power Output
- Motors
- Industrial
- Lamps
- Displays
- Robotics
Ordering Information
PART
NUMBER
TEMP.
RANGE(
°C)
PACKAGE
PKG.
NO.
HIP0082AS1
-40 to 125
15 Ld SIP
Z15.05A
HIP0084AS1
-40 to 125
15 Ld SIP
Z15.05A
HIP0082AS2
-40 to 125
15 Ld SIP
Z15.05B
HIP0082AB
-40 to 125
20 Ld PSOP
M20.433
HIP0084AB
-40 to 125
20 Ld PSOP
M20.433
HIP0082, HIP0084 (SIP)
TOP VIEW
HIP0082, HIP0084 (PSOP W/HEAT SLUG)
TOP VIEW
OUT4
OUT2
CLK
TXD
GND (VSS)
VCC
OUT1
OUT3
HEAT SINK TAB INTERNALLY CONNECTED
TO PIN 8 GROUND (VSS)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
IN4
IN2
CS
RST
R/W
IN1
IN3
INTEGRAL COPPER
HEAT SINK ‘SLUG’
FOR PCB CONTACT
OR EXT. HEAT SINK
GND (SLUG)
IN4
OUT4
IN2
GND (VSS)
OUT2
CS
CLK
TXD
GND (SLUG)
GND (SLUG)
IN3
OUT3
IN1
GND (VSS)
OUT1
R/W
VCC
RST
GND (SLUG)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
HIP0082, HIP0084
Quad Power Drivers with
Serial Diagnostic Interface
File Number
3643.4
PRELIMINARY
May 1998
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP0082AS1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0082AS1 RENESAS-HIP0082AS1 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
More results

Similar Description - HIP0082AS1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com