Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP5603QBDL-SD-G Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP5603QBDL-SD-G
Description  OVAL SOLID STATE LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP5603QBDL-SD-G Datasheet(HTML) 1 Page - Kingbright Corporation

  WP5603QBDL-SD-G_15 Datasheet HTML 1Page - Kingbright Corporation WP5603QBDL-SD-G_15 Datasheet HTML 2Page - Kingbright Corporation WP5603QBDL-SD-G_15 Datasheet HTML 3Page - Kingbright Corporation WP5603QBDL-SD-G_15 Datasheet HTML 4Page - Kingbright Corporation WP5603QBDL-SD-G_15 Datasheet HTML 5Page - Kingbright Corporation WP5603QBDL-SD-G_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAJ8689
REV NO: V.6B
DATE: JAN/20/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1101026732
OVAL SOLID STATE LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: WP5603QBDL/SD/G
Blue
Features
Outstanding material efficiency.
Reliable and rugged.
RoHS compliant.
Descriptions
The Blue source color devices are made with InGaN
Light Emitting Diode.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


Similar Part No. - WP5603QBDL-SD-G_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP5603QBDL-SD-G KINGBRIGHT-WP5603QBDL-SD-G Datasheet
318Kb / 5P
   Oval Solid State Lamp
More results

Similar Description - WP5603QBDL-SD-G_15

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LM2BB20DLSDLCR SUNLED-LM2BB20DLSDLCR Datasheet
181Kb / 4P
   OVAL SOLID STATE LAMP
LM2BG20W SUNLED-LM2BG20W Datasheet
181Kb / 4P
   OVAL SOLID STATE LAMP
LM2BG20DLSDLCR SUNLED-LM2BG20DLSDLCR Datasheet
175Kb / 4P
   OVAL SOLID STATE LAMP
LM2CR20W SUNLED-LM2CR20W Datasheet
172Kb / 4P
   OVAL SOLID STATE LAMP
LM2CY20DLSDLCR SUNLED-LM2CY20DLSDLCR Datasheet
171Kb / 4P
   OVAL SOLID STATE LAMP
LM2CY20W SUNLED-LM2CY20W Datasheet
172Kb / 4P
   OVAL SOLID STATE LAMP
LMDG20DLSDLCR SUNLED-LMDG20DLSDLCR Datasheet
183Kb / 4P
   OVAL SOLID STATE LAMP
logo
Kingbright Corporation
WP5603SYDL-SD-J KINGBRIGHT-WP5603SYDL-SD-J Datasheet
104Kb / 4P
   OVAL SOLID STATE LAMP
WP5603ZGDL-SD-G KINGBRIGHT-WP5603ZGDL-SD-G Datasheet
317Kb / 5P
   Oval Solid State Lamp
WP5603ZGDL-SD-G KINGBRIGHT-WP5603ZGDL-SD-G_15 Datasheet
320Kb / 6P
   OVAL SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com