Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP0060AB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP0060AB
Description  1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0060AB Datasheet(HTML) 4 Page - Intersil Corporation

  HIP0060AB Datasheet HTML 1Page - Intersil Corporation HIP0060AB Datasheet HTML 2Page - Intersil Corporation HIP0060AB Datasheet HTML 3Page - Intersil Corporation HIP0060AB Datasheet HTML 4Page - Intersil Corporation HIP0060AB Datasheet HTML 5Page - Intersil Corporation HIP0060AB Datasheet HTML 6Page - Intersil Corporation HIP0060AB Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Serial Diagnostic Link
A serial diagnostic link via the SPI bus provides the means
to clock fault data in and out of the fault register to the micro-
controller. When the microcontroller receives an INT inter-
rupt signal, data is clocked from the Serial Diagnostic
Register to determine what fault bit has been set. Appropri-
ate action for the fault may then be taken, as defined by the
programming of the microcontroller.
Serial Diagnostic Register
Fault bits consist of one OT bit and one OL bit for each
switching channel (A, B, C and D). Data is transferred out
of SO MSB first on the rising edge of SCK after CS goes
low. Data is shifted into the input shift register on the falling
edge of SCK. The defined order of the DO0 to DO7 fault
bits is as follows:
HIP0060 devices may be linked in cascade for the purposes
of SPI control. Serial data is clocked in and out of each
HIP0060 and then back to the host microcontroller. All linked
devices have a common control sequence. When CS goes
low, fault data is shifted to the Serial Diagnostic Register.
SCK must be low when CS goes low. Also, when CS goes
low, SO changes from a three-state to a low state and
remains low until SCK goes high. Serial data is transferred
by SCK. After the serial data is transferred, SCK must
remain low as CS goes high. The serial data transfer must
be a continuous sequence while CS is low.
Serial Peripheral Interface
The Serial Peripheral Interface (SPI) bus is system con-
trolled by a host micro. The SPI bus controls the Serial Diag-
nostic Link with the CS (Chip Select), SCK, SI, SO and RST
(Reset) lines. Figures 4 and 5 define the timing and protocol
for the bus.
Reset Operation
The RST input is an active low reset input. When RST is low,
the internal diagnostic flags are cleared but not the shift reg-
ister. When RST is low, all outputs and output switches are
disabled. To clear the shift register, CS is switched from high
to low during or after a reset while there are no active faults,
jamming data from the cleared fault flags into the shift regis-
tor. The RST input has an internal pull-up to sustain a logic
high when floating.
The VDD input is the power supply to the 5V logic and the
POR function. When the VDD is less than the VDD(POR)
threshold, the output drivers are shutoff. To insure that the
diagnostic link shift register is correct after VDD is less than
VDD(POR), a manual reset must be executed.
BIT
NAME
CONDITION REQUIRED TO SET BIT
DO0
OTA
OT in Output Driver A, TJ ≥ TLIM
DO1
OTB
OT in Output Driver B, TJ ≥ TLIM
DO2
OTC
OT in Output Driver C, TJ ≥ TLIM
DO3
OTD
OT in Output Driver D, TJ ≥ TLIM
DO4
OLA
OL in Output Driver A, OFF Load > ROLD
DO5
OLB
OL in Output Driver B, OFF Load > ROLD
DO6
OLC
OL in Output Driver C, OFF Load > ROLD
DO7
OLD
OL in Output Driver D, OFF Load > ROLD
FIGURE 1. TYPICAL HIP0060 APPLICATION AS A LOW SIDE SWITCH FOR INDUCTIVE LOADS, LAMPS AND SMALL LINEAR
MOTORS OR STEPPER MOTORS
OUTA
OUTB
RELAY
SOLENOID
VDD
+5V
HIP0060
INA
INC
RST
4.7k
INT
IND
INB
VBATT
OUTC
OUTD
LAMP
MOTOR
VBATT
M
HIP0060


Similar Part No. - HIP0060AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0060AB RENESAS-HIP0060AB Datasheet
437Kb / 7P
   1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results

Similar Description - HIP0060AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
   1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Intersil Corporation
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
   1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
   1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
logo
Intersil Corporation
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
   0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
   0.25A/50V Octal Low Side Power Driver with Serial Bus Control
logo
Renesas Technology Corp
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
   0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
logo
Intersil Corporation
CA3282 INTERSIL-CA3282 Datasheet
65Kb / 10P
   Octal Low Side Power Driver with Serial Bus Control
June 1998
logo
Renesas Technology Corp
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
   0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
logo
Intersil Corporation
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
   Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
logo
Allegro MicroSystems
2557 ALLEGRO-2557_06 Datasheet
1Mb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com