Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4219L Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4219L
Description  Dual Low Power Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4219L Datasheet(HTML) 4 Page - Analog Devices

  ADF4219L_15 Datasheet HTML 1Page - Analog Devices ADF4219L_15 Datasheet HTML 2Page - Analog Devices ADF4219L_15 Datasheet HTML 3Page - Analog Devices ADF4219L_15 Datasheet HTML 4Page - Analog Devices ADF4219L_15 Datasheet HTML 5Page - Analog Devices ADF4219L_15 Datasheet HTML 6Page - Analog Devices ADF4219L_15 Datasheet HTML 7Page - Analog Devices ADF4219L_15 Datasheet HTML 8Page - Analog Devices ADF4219L_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. C
ADF4217L/ADF4218L/ADF4219L
–4–
ABSOLUTE MAXIMUM RATINGS
1, 2
(T
A = 25
°C, unless otherwise noted.)
VDD1 to GND
3
. . . . . . . . . . . . . . . . . . . . . . –0.3 V to +3.6 V
VDD1 to VDD2 . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
VP1, VP2 to GND . . . . . . . . . . . . . . . . . . . . –0.3 V to +5.8 V
VP1, VP2 to VDD1 . . . . . . . . . . . . . . . . . . . . –0.3 V to +5.5 V
Digital I/O Voltage to GND . . . . . . . . –0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND . . . . . . . . . –0.3 V to VP + 0.3 V
REFIN, RF1IN (A, B), IFIN (A, B)
to GND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
RFINA to RFINB . . . . . . . . . . . . . . . . . . . . . . . . . . .
±320 mV
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
TSSOP JA Thermal Impedance . . . . . . . . . . . . . 150.4
°C/W
LGA JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
°C/W
Lead Temperature, Soldering
TSSOP, Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . 215
°C
TSSOP, Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . 220
°C
LGA, Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . 240
°C
LGA, Infrared (20 sec) . . . . . . . . . . . . . . . . . . . . . . . 240
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2This device is a high performance RF integrated circuit with an ESD rating of
< 2 kV and is ESD sensitive. Proper precautions should be taken for handling and
assembly.
3GND = AGND = DGND = 0 V.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although the ADF4217L/
ADF4218L/ADF4219L feature proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
ADF4217L/ADF4218L/ADF4219LBRU
–40
°C to +85°CThin Shrink Small Outline Package (TSSOP)
RU-20
ADF4217L/ADF4218L/ADF4219LBCC
–40
°C to +85°CChip Array CASON (LGA)
CC-24
*Contact the factory for chip availability.


Similar Part No. - ADF4219L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4219LBCC AD-ADF4219LBCC Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219LBRU AD-ADF4219LBRU Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
More results

Similar Description - ADF4219L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com